Electronic Components Datasheet Search
  English  ▼

X  

LTC3832 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3832
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3832 Datasheet HTML 14Page - Linear Technology LTC3832 Datasheet HTML 15Page - Linear Technology LTC3832 Datasheet HTML 16Page - Linear Technology LTC3832 Datasheet HTML 17Page - Linear Technology LTC3832 Datasheet HTML 18Page - Linear Technology LTC3832 Datasheet HTML 19Page - Linear Technology LTC3832 Datasheet HTML 20Page - Linear Technology LTC3832 Datasheet HTML 21Page - Linear Technology LTC3832 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC3832/LTC3832-1
sn3832 3832fs
APPLICATIO S I FOR ATIO
1. In general, layout should begin with the location of the
power devices. Be sure to orient the power circuitry so that
a clean power flow path is achieved. Conductor widths
should be maximized and lengths minimized. After you are
satisfied with the power path, the control circuitry should
be laid out. It is much easier to find routes for the relatively
small traces in the control circuits than it is to find
circuitous routes for high current paths.
2. The GND and PGND pins should be shorted directly at
the LTC3832. This helps to minimize internal ground dis-
turbances in the LTC3832 and prevent differences in ground
potential from disrupting internal circuit operation. This
connection should then tie into the ground plane at a single
point, preferably at a fairly quiet point in the circuit such as
close to the output capacitors. This is not always practical,
however, due to physical constraints. Another reasonably
good point to make this connection is between the output
capacitors and the source connection of the bottom
MOSFET Q2. Do not tie this single point ground in the trace
run between the Q2 source and the input capacitor ground,
as this area of the ground plane will be very noisy.
3. The small-signal resistors and capacitors for frequency
compensation and soft-start should be located very close
to their respective pins and the ground ends connected to
the signal ground pin through a separate trace. Do not
connect these parts to the ground plane!
4. The VCC, PVCC1 and PVCC2 decoupling capacitors should
be as close to the LTC3832 as possible. The 4.7
µF and 1µF
bypass capacitors shown at VCC, PVCC1 and PVCC2 will help
provide optimum regulation performance.
5. The (+) plate of CIN should be connected as close as
possible to the drain of the upper MOSFET, Q1. An additional
1
µF ceramic capacitor between VIN and power ground is
recommended.
6. The SENSE and VFB pins are very sensitive to pickup from
the switching node. Care should be taken to isolate SENSE
and VFB from possible capacitive coupling to the inductor
switching signal. Connecting the SENSE+ and SENSE– close
to the load can significantly improve load regulation.
7. Kelvin sense IMAX and IFB at Q1’s drain and source pins.
PVCC1
G1
IMAX
IFB
SENSE+
G2
FB
SENSE–
FREQSET
SHDN
COMP
SS
VCC
LTC3832
PVCC2
GND
PGND
+
+
1
µF
GND
GND
NC
100
Ω
1k
VIN
Q1A
Q2
PGND
Q1B
CIN
+
COUT
3832 F11
VOUT
LO
CSS
C1
CC
4.7
µF
NC
RC
1
µF
0.1
µF
PGND
PVCC
Figure 11. Typical Schematic Showing Layout Considerations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com