Electronic Components Datasheet Search
  English  ▼

X  

LTC4211 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4211
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4211 Datasheet HTML 12Page - Linear Technology LTC4211 Datasheet HTML 13Page - Linear Technology LTC4211 Datasheet HTML 14Page - Linear Technology LTC4211 Datasheet HTML 15Page - Linear Technology LTC4211 Datasheet HTML 16Page - Linear Technology LTC4211 Datasheet HTML 17Page - Linear Technology LTC4211 Datasheet HTML 18Page - Linear Technology LTC4211 Datasheet HTML 19Page - Linear Technology LTC4211 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
LTC4211
4211f
In this fashion, the inrush current is controlled and CLOAD
is charged up slowly during the soft-start cycle.
The timing diagram in Figure 6 illustrates the operation of
the LTC4211 in a normal power-up sequence with limited
inrush current as described by Equation 6. At Time Point 5,
the GATE pin voltage begins to ramp indicating that the
power MOSFET is beginning to charge CLOAD. At Time
Point 5A, the inrush current causes a 50mV voltage drop
across RSENSE and the internal servo loop engages, limit-
ing the inrush current to a fixed level. At Time Point 6, the
GATE pin voltage continues to ramp as CLOAD charges until
VOUT reaches its final value. The charging current reduces,
and the internal servo loop disengages. At the end of the
soft-start cycle (Time Point 7), RESET is high and SLOW
COMP is armed.
PLUG-IN CYCLE
FIRST TIMING CYCLE
TIMER
ON
VCC
12
3 4 5
6
7
8
9
RESET PULLED LOW DUE TO POWER BAD
10
200
µA
4211 F06
2
µA
2
µA
VREF
10
µA
GATE
VOUT
POWER BAD
VFB < VREF
5A
SLOW COMPARATOR ARMED
CHECK FOR GATE < 0.2V
FAST COMPARATOR ARMED
CHECK FOR FILTER LOW (<VREF – 80mV)
CHECK FOR FAULT HIGH (>VREF + 50mV)
ON GOES LOW
GATE
VOUT
ILOAD
RESET
SOFT-START CYCLE
SECOND TIMING CYCLE
POWER GOOD
VFB > VREF
LOAD CURRENT IS
REGULATING AT 50mV/RSENSE
Figure 6. Normal Power-Up Sequence (With Current Limiting in Second Timing Cycle)
FREQUENCY COMPENSATION AT SOFT-START
If the external gate input capacitance (CISS) is greater than
600pF, no external gate capacitor is required at GATE to
stabilize the internal current-limiting loop during soft-
start. Otherwise, connect a gate capacitor between the
GATE pin and ground to increase the total gate capacitance
to be equal to or above 600pF. The servo loop that controls
the external MOSFET during current limiting has a unity-
gain frequency of about 105kHz and phase margin of 80
°
for external MOSFET gate input capacitances to 2.5nF.
USING AN EXTERNAL GATE CAPACITOR
The LTC4211 automatically limits the inrush current in one
of two ways: by controlling the GATE pin voltage slew rate
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com