Electronic Components Datasheet Search
  English  ▼

X  

LTC4211 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC4211
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC4211 Datasheet HTML 28Page - Linear Technology LTC4211 Datasheet HTML 29Page - Linear Technology LTC4211 Datasheet HTML 30Page - Linear Technology LTC4211 Datasheet HTML 31Page - Linear Technology LTC4211 Datasheet HTML 32Page - Linear Technology LTC4211 Datasheet HTML 33Page - Linear Technology LTC4211 Datasheet HTML 34Page - Linear Technology LTC4211 Datasheet HTML 35Page - Linear Technology LTC4211 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34
LTC4211
4211f
APPE DIX
Table 4 lists some current sense resistors that can be used
with the circuit breaker. Table 5 lists some power MOSFETs
that are available. Table 6 lists the web sites of several
manufacturers. Since this information is subject to change,
please verify the part numbers with the manufacturer.
Table 4. Sense Resistor Selection Guide
CURRENT LIMIT VALUE
PART NUMBER
DESCRIPTION
MANUFACTURER
1A
LR120601R050
0.05
Ω 0.5W 1% Resistor
IRC-TT
2A
LR120601R025
0.025
Ω 0.5W 1% Resistor
IRC-TT
2.5A
LR120601R020
0.02
Ω 0.5W 1% Resistor
IRC-TT
3.3A
WSL2512R015F
0.015
Ω 1W 1% Resistor
Vishay-Dale
5A
LR251201R010F
0.01
Ω 1.5W 1% Resistor
IRC-TT
10A
WSR2R005F
0.005
Ω 2W 1% Resistor
Vishay-Dale
Table 5. N-Channel Selection Guide
CURRENT LEVEL (A)
PART NUMBER
DESCRIPTION
MANUFACTURER
0 to 2
MMDF3N02HD
Dual N-Channel SO-8
ON Semiconductor
RDS(ON) = 0.1Ω, CISS = 455pF
2 to 5
MMSF5N02HD
Single N-Channel SO-8
ON Semiconductor
RDS(ON) = 0.025Ω, CISS = 1130pF
5 to 10
MTB50N06V
Single N-Channel DD Pak
ON Semiconductor
RDS(ON) = 0.028Ω, CISS = 1570pF
10 to 20
MTB75N05HD
Single N-Channel DD Pak
ON Semiconductor
RDS(ON) = 0.0095Ω, CISS = 2600pF
Table 6. Manufacturers’ Web Sites
MANUFACTURER
WEB SITE
TEMIC Semiconductor
www.temic.com
International Rectifier
www.irf.com
ON Semiconductor
www.onsemi.com
Harris Semiconductor
www.semi.harris.com
IRC-TT
www.irctt.com
Vishay-Dale
www.vishay.com
Vishay-Siliconix
www.vishay.com
Diodes, Inc.
www.diodes.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com