Electronic Components Datasheet Search
  English  ▼

X  

LTC4211 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4211
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Datasheet(HTML) 5 Page - Linear Technology

  LTC4211 Datasheet HTML 1Page - Linear Technology LTC4211 Datasheet HTML 2Page - Linear Technology LTC4211 Datasheet HTML 3Page - Linear Technology LTC4211 Datasheet HTML 4Page - Linear Technology LTC4211 Datasheet HTML 5Page - Linear Technology LTC4211 Datasheet HTML 6Page - Linear Technology LTC4211 Datasheet HTML 7Page - Linear Technology LTC4211 Datasheet HTML 8Page - Linear Technology LTC4211 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LTC4211
4211f
TYPICAL PERFOR A CE CHARACTERISTICS
GATE Output Source Current
vs Supply Voltage
Normal GATE Pull-Down Current
vs Supply Voltage
Normal GATE Pull-Down Current
vs Temperature
Fast GATE Pull-Down Current
vs Supply Voltage
Feedback Threshold
vs Supply Voltage
Feedback Threshold
vs Temperature
FILTER Threshold
vs Supply Voltage
GATE Output Source Current
vs Temperature
SUPPLY VOLTAGE (V)
7
9
11
13
8
10
12
4
8
12
16
4211 G10
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (
°C)
–75
7
8
10
11
12
–25
25
50
150
4211 G11
9
–50
0
75 100 125
13
VCC = 15V
VCC = 3V
VCC = 5V
VCC = 12V
SUPPLY VOLTAGE (V)
140
180
220
260
160
200
240
4
8
12
16
4211 G12
20
2
0
6
10
14
18
TA = 25°C
TEMPERATURE (
°C)
–75
140
160
200
220
240
–25
25
50
150
4211 G13
180
–50
0
75 100 125
260
VCC = 5V
SUPPLY VOLTAGE (V)
20
40
60
80
30
50
70
4
8
12
16
4211 G14
20
2
0
6
10
14
18
TA = 25°C
Fast GATE Pull-Down Current
vs Temperature
TEMPERATURE (
°C)
–75
20
30
50
60
70
–25
25
50
150
4211 G15
40
–50
0
75 100 125
80
VCC = 5V
SUPPLY VOLTAGE (V)
0
1.240
1.245
1.250
16
4211 G16
1.235
1.230
1.225
48
12
218
610
14
20
TA = 25°C
HIGH THRESHOLD
LOW THRESHOLD
TEMPERATURE (
°C)
–75
1.225
1.230
1.240
1.245
1.250
–25
25
50
150
4211 G17
1.235
–50
0
75 100 125
VCC = 5V
HIGH THRESHOLD
LOW THRESHOLD
SUPPLY VOLTAGE (V)
1.10
1.20
1.30
1.40
1.15
1.25
1.35
4
8
12
16
4211 G18
20
2
0
6
10
14
18
TA = 25°C
HIGH THRESHOLD
LOW THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com