Electronic Components Datasheet Search
  English  ▼

X  

LTC4211 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC4211
Description  Hot Swap Controller with Multifunction Current Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC4211 Datasheet HTML 21Page - Linear Technology LTC4211 Datasheet HTML 22Page - Linear Technology LTC4211 Datasheet HTML 23Page - Linear Technology LTC4211 Datasheet HTML 24Page - Linear Technology LTC4211 Datasheet HTML 25Page - Linear Technology LTC4211 Datasheet HTML 26Page - Linear Technology LTC4211 Datasheet HTML 27Page - Linear Technology LTC4211 Datasheet HTML 28Page - Linear Technology LTC4211 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25
LTC4211
4211f
APPLICATIO S I FOR ATIO
+
VCC
SENSE
LTC4211
8
2
34
76
CLOAD
VOUT
5V
5A
4211 F15
5
1
R6
15k
GATE
GND
TIMER
PCB CONNECTION SENSE
CTIMER
10nF
FB
ON
SHORT
LONG
VCC
5V
GND
ON/OFF
LONG
ZZ1 = 1SMA10A OR SMAJ10A
M2: 2N7002LT1
* OPTIONAL
RESET
R2
10k
R4
10k
M2
R1
10k
RX
10
Ω
RSENSE
0.007
Ω
PCB EDGE
CONNECTOR
(MALE)
M1
Si4410DY
Z1*
R5
36k
R7
10k
µP
LOGIC
RESET
SHORT
CX
100nF
BACKPLANE
CONNECTOR
(FEMALE)
Figure 15. Connection Sense with ON/OFF Control
+
VCC
SENSE
LTC4211
8
2
34
76
CLOAD
VOUT
5V
5A
4211 F16
5
1
R5
15k
GATE
GND
TIMER
PCB CONNECTION SENSE
CTIMER
10nF
FB
ON
LONG
VCC
GND
ON/RESET
LONG
RESET
M1
RX
10
Ω
RSENSE
0.007
Ω
PCB EDGE
CONNECTOR
(MALE)
M2
Si4410DY
Z1*
R3
10k
R2
10k
R1
10k
R8
10k
R4
36k
R7
10k
µP
LOGIC
RESET
SHORT
SHORT
LAST BLADE OR PIN ON CONNECTOR
SHORT
CX
0.1
µF
BACKPLANE
CONNECTOR
(FEMALE)
Q1
Q2
LAST BLADE OR PIN ON CONNECTOR
Z1 = 1SMA10A OR SMAJ10A
M1: 2N7002LT1
Q1, Q2: MMBT3904LT1
* OPTIONAL
Figure 16. Connection Sense for Rocking the Daughter Board Back and Forth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com