Electronic Components Datasheet Search
  English  ▼

X  

AD7770ACPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD7770ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770ACPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7770ACPZ Datasheet HTML 35Page - Analog Devices AD7770ACPZ Datasheet HTML 36Page - Analog Devices AD7770ACPZ Datasheet HTML 37Page - Analog Devices AD7770ACPZ Datasheet HTML 38Page - Analog Devices AD7770ACPZ Datasheet HTML 39Page - Analog Devices AD7770ACPZ Datasheet HTML 40Page - Analog Devices AD7770ACPZ Datasheet HTML 41Page - Analog Devices AD7770ACPZ Datasheet HTML 42Page - Analog Devices AD7770ACPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 98 page
background image
AD7770
Data Sheet
Rev. C | Page 38 of 97
CONTROLLING THE AD7770
The AD7770 can be controlled using either pin control mode or
SPI control mode.
Pin control mode allows the AD7770 to be hardwired to predefined
settings that offer a subset of the overall functionality of the
AD7770. In this mode, the SRC and diagnostic features or
extended errors source are not available.
Controlling the AD7770 over the SPI allows the user access to
the full monitoring, diagnostic, and Σ-Δ control functionality.
SPI control offers additional functionality such
as offset, gain, and phase correction per channel, in addition to
access to the flexible SRC to achieve a coherent sampling.
See Table 13 for more details about these different configurations.
PIN CONTROL MODE
In pin control mode, the AD7770 is configured at power-up
based on the level of the mode pins, MODE0, MODE1, MODE2,
and MODE3. These four pins set the following functions on the
AD7770: the mode of operation, the decimation rate/ODR, the
PGA gain, and the reference source, as shown in Table 14.
Due to the limited number of mode pins and the number of
options available, the PGA gain control is grouped into blocks
of 4, and the ODR is selected for the maximum value defined by
the decimation rate; ODR (kHz) = 2048/decimation for high
resolution mode, and ODR (kHz) = 512/decimation for low
power mode.
Depending on the mode selected, the device is configured to
use an external or an internal reference.
The conversion data can be read back using the SPI or the data
output interface, as shown in Table 13. If the data output interface
is used to read back the data from the conversions, the number of
DOUTx lines enabled and the number of clocks required for
the Σ-Δ data transfer are determined by the logic level of the
CONVST_SAR, FORMAT0, and FORMAT1 pins. In this case,
the DCLK2, DCLK1, and DCLK0 pins select the Σ-Δ output
interface and control the DCLKx divide function, which is a
submultiple of MCLK, as shown in Table 15. The DCLKx divide
function sets the frequency of the data output interface DCLKx
signal. The DCLK minimum frequency depends on the decima-
tion rate and operation mode. See the Data Output Interface
section for more details about the minimum DCLKx frequency.
All the pins that define the AD7770 configuration mode are
reevaluated each time the SYNC_IN pin is pulsed. The typical
connection diagram for pin control mode is shown in Figure 98.
Table 13. Format of the Data Interface
CONVST_SAR State
FORMAT1
FORMAT0
Control Mode
Data Output Mode
1
0
0
Pin
SPI output
0
1
Pin
SPI output
1
1
Pin
SPI output
1
1
SPI
Defined in Register 0x014
0
0
0
Pin
DOUT0, Channel 0 and Channel 1
DOUT1, Channel 2 and Channel 3
DOUT2, Channel 4 and Channel 5
DOUT3, Channel 6 to Channel 7
0
1
Pin
DOUT0, Channel 0 to Channel 3
DOUT1, Channel 4 to Channel 7
1
0
Pin
DOUT0, Channel 0 to Channel 7
1
1
SPI
Defined in Register 0x014
Table 14. Pin Mode Options
Pin State
Decimation
Rate
Power Mode
PGA Gain Channel
Reference
Source
MODE3
MODE2
MODE1
MODE0
Channel 0 to
Channel 3
Channel 4 to
Channel 7
0
0
0
0
1024
High resolution
1
1
External
0
0
0
1
512
High resolution
1
1
External
0
0
1
0
256
High resolution
1
1
External
0
0
1
1
128
High resolution
1
1
External
0
1
0
0
64
High resolution
1
1
External
0
1
0
1
512
High resolution
1
4
External
0
1
1
0
256
High resolution
1
4
External
0
1
1
1
128
High resolution
1
4
External
1
0
0
0
64
High resolution
1
4
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com