Electronic Components Datasheet Search
  English  ▼

X  

AD7770ACPZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7770ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770ACPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7770ACPZ Datasheet HTML 12Page - Analog Devices AD7770ACPZ Datasheet HTML 13Page - Analog Devices AD7770ACPZ Datasheet HTML 14Page - Analog Devices AD7770ACPZ Datasheet HTML 15Page - Analog Devices AD7770ACPZ Datasheet HTML 16Page - Analog Devices AD7770ACPZ Datasheet HTML 17Page - Analog Devices AD7770ACPZ Datasheet HTML 18Page - Analog Devices AD7770ACPZ Datasheet HTML 19Page - Analog Devices AD7770ACPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
Data Sheet
AD7770
Rev. C | Page 15 of 97
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD7770
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AIN0–
AIN0+
AIN1–
AIN1+
AVSS1A
AVDD1A
REF1–
REF1+
AIN2–
AIN2+
AIN3–
AIN3+
MODE0/GPIO0
MODE1/GPIO1
MODE2/GPIO2
MODE3/ALERT
NOTES
1. EXPOSED PAD. CONNECT THE EXPOSED PAD TO AVSSx.
AIN4–
AIN4+
AIN5–
AIN5+
AVSS1B
AVDD1B
REF2–
REF2+
AIN6–
AIN6+
AIN7–
AIN7+
RESET
SYNC_IN
SYNC_OUT
START
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Figure 7. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Type
Direction
Description
1
AIN0−
Analog input
Input
Analog Input Channel 0, Negative.
2
AIN0+
Analog input
Input
Analog Input Channel 0, Positive.
3
AIN1−
Analog input
Input
Analog Input Channel 1, Negative.
4
AIN1+
Analog input
Input
Analog Input Channel 1, Positive.
5
AVSS1A
Supply
Supply
Negative Front-End Analog Supply for Channel 0 to Channel 3, Typical at −1.65 V
(Dual Supply) or AGND (Single Supply). Connect all the AVSSx pins to the
same potential.
6
AVDD1A
Supply
Supply
Positive Front-End Analog Supply for Channel 0 to Channel 3, Typical at AVSSx +
3.3 V. Connect this pin to AVDD1B.
7
REF1−
Reference
Input
Negative Reference Input 1 for Channel 0 to Channel 3, Typical at AVSSx.
Connect all the REFx− pins to the same potential.
8
REF1+
Reference
Input
Positive Reference Input 1 for Channel 0 to Channel 3, Typical at REF1− + 2.5 V.
9
AIN2−
Analog input
Input
Analog Input Channel 2, Negative.
10
AIN2+
Analog input
Input
Analog Input Channel 2, Positive.
11
AIN3−
Analog input
Input
Analog Input Channel 3, Negative.
12
AIN3+
Analog input
Input
Analog Input Channel 3, Positive.
13
MODE0/GPIO0
Digital I/O
I/O
Mode 0 Input in Pin Control Mode (MODE0). See Table 14 for more details.
Configurable General-Purpose Input/Output 0 in SPI Control Mode (GPIO0). If
not in use, connect this pin to DGND or IOVDD.
14
MODE1/GPIO1
Digital I/O
I/O
Mode 1 Input in Pin Control Mode (MODE1). See Table 14 for more details.
Configurable General-Purpose Input/Output 1 in SPI Control Mode (GPIO1). If
not in use, connect this pin to DGND or IOVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com