Electronic Components Datasheet Search
  English  ▼

X  

AD7770ACPZ Datasheet(PDF) 43 Page - Analog Devices

Part # AD7770ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770ACPZ Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7770ACPZ Datasheet HTML 39Page - Analog Devices AD7770ACPZ Datasheet HTML 40Page - Analog Devices AD7770ACPZ Datasheet HTML 41Page - Analog Devices AD7770ACPZ Datasheet HTML 42Page - Analog Devices AD7770ACPZ Datasheet HTML 43Page - Analog Devices AD7770ACPZ Datasheet HTML 44Page - Analog Devices AD7770ACPZ Datasheet HTML 45Page - Analog Devices AD7770ACPZ Datasheet HTML 46Page - Analog Devices AD7770ACPZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
AD7770
Data Sheet
Rev. C | Page 42 of 97
If the Σ-Δ reference is updated, it is recommended to apply a
pulse on the SYNC_IN pin to remove invalid samples during
the transition of the reference
Decimation
The decimation defines the sampling frequency as follows:
•
In high resolution mode, the sampling frequency = MCLK/
(4 × decimation)
•
In low power mode, the sampling frequency = MCLK/
(8 × decimation)
Refer to the SRC section for more information.
GPIOx Pins
If the AD7770 operates in SPI control mode, the mode pins
operate as GPIOx pins, as shown in Figure 100. The GPIOx pins
can be configured as inputs or outputs in any order.
REGISTER
MAP
GPIO0
GPIO1
GPIO2
Figure 100. GPIOx Pin Functionality
Configuration control and readback of the GPIOx pins are set
via Bits[2:0] in the GPIO_CONFIG register (0 = input, 1 = output)
and the GPIO_DATA register. Among other uses, the GPIOs
can control an external mux connected to the auxiliary inputs of
the SAR ADC. Use this mux to verify the results on the Σ-Δ ADCs.
In addition, the GPIOx pins can be used to externally trigger a
new decimation rate. Refer to the SRC section for more
information about this functionality.
Σ-Δ Reference Configuration
The AD7770 can operate with internal or external references. In
addition, for diagnostic purposes, the analog supply can be used
as a reference, as shown in Table 19. REFx−/REFx+ allows the
selection of a voltage reference where the REFx+ is lower
voltage than REFx− pin.
Table 19. Σ-Δ References
Setting for
ADC_MUX_CONFIG,
Bits[7:6]
Channel 0 to
Channel 3
Channel 4 to
Channel 7
00
REF1+/REF1−
REF2+/REF2−
01
Internal reference
Internal reference
10
AVDD1A/AVSS1A
AVDD1B/AVSS1B
11
REF1−/REF1+
REF2−/REF2+
Reference buffer operation is described in Table 20. The
selected reference and buffer operation mode affect all
channels.
If the Σ-Δ reference is updated, it is recommended to apply a
pulse on the SYNC_IN pin to remove invalid samples during
the transition of the reference.
Table 20. Reference Buffer Operation Modes
Reference Buffer
Operation Mode
REFx+
REFx−
Enabled
BUFFER_CONFIG_1, Bit 4 = 1; BUFFER_CONFIG_2, Bit 7 = 0
BUFFER_CONFIG_1, Bit 3 = 1; BUFFER_CONFIG_2, Bit 6 = 0
Precharged
BUFFER_CONFIG_1, Bit 4 = 1; BUFFER_CONFIG_2, Bit 7 = 1
BUFFER_CONFIG_1, Bit 3 = 1; BUFFER_CONFIG_2, Bit 6 = 1
Disabled
BUFFER_CONFIG_1, Bit 4 = 0
BUFFER_CONFIG_1, Bit 3 = 0
Table 21. Additional Disable Power-Down Blocks
Block
Register
Notes
VCM
GENERAL_USER_CONFIG_1, Bit 5
Enable by default
Reference Buffer
BUFFER_CONFIG_1, Bits[4:3]
Precharged mode by default
Internal Reference Buffer
GENERAL_USER_CONFIG_1, Bit 4
Disable by default
Σ-Δ Channel
CH_DISABLE, Bits[7:0]
All channels enable
SAR
GENERAL_USER_CONFIG_1, Bit 3
Disable by default
Internal Oscillator
GENERAL_USER_CONFIG_1, Bit 2
Enable by default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com