Electronic Components Datasheet Search
  English  ▼

X  

MT9D011 Datasheet(PDF) 39 Page - Micron Technology

Part # MT9D011
Description  1/3-INCH 2-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT9D011 Datasheet(HTML) 39 Page - Micron Technology

Back Button MT9D011 Datasheet HTML 35Page - Micron Technology MT9D011 Datasheet HTML 36Page - Micron Technology MT9D011 Datasheet HTML 37Page - Micron Technology MT9D011 Datasheet HTML 38Page - Micron Technology MT9D011 Datasheet HTML 39Page - Micron Technology MT9D011 Datasheet HTML 40Page - Micron Technology MT9D011 Datasheet HTML 41Page - Micron Technology MT9D011 Datasheet HTML 42Page - Micron Technology MT9D011 Datasheet HTML 43Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
MT9D011
2-MEGAPIXEL DIGITAL IMAGE SENSOR
PRELIMINARY
09005aef81516da4
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT9D011__MI2010_E_2.fm - Rev. A 11/04 EN
39
©2004 Micron Technology, Inc. All rights reserved.
Figure 17: Thirty-two Pixels in Normal and Column Skip 8x Readout Modes
Figure 18: Sixty-four Pixels in Normal and Column Skip 16x Readout Modes
Digital Zoom
Reg0x20[13] enables a digital zoom of 2x to 16x to be
applied. The zoom value is set in Reg0x20[12:11]
according to Table 9.
In zoom mode, the pixel data rate is slowed by the
zoom factor, and a number of additional blank rows
are added between output rows (see Table 9). This is
designed to give the controller logic the necessary time
to repeat data, filling in a larger window with repeated
data.
The pixel clock speed is not affected by this opera-
tion, therefore the output data for each pixel is valid for
zoom factor number of pixel clocks. Every row is fol-
lowed by a number of blank rows (with their own
LINE_VALID, but all data bits = 0) of equal time.
In zoom modes, Reg0x03 and Reg0x04 still specifies
the window size out of the sensor including the extra
blanking, so the active image read out is, in effect,
smaller than the output image.
Figures 19 through 23 show the data coming from
the sensor in the different zoom modes. The colors
represent from which colored pixel the data comes.
Black represents data = 0.
DOUT9–DOUT0
LINE_VALID
Normal readout
G0
(9:0)
R0
(9:0)
G1
(9:0)
R1
(9:0)
G2
(9:0)
G15
(9:0)
R15
(9:0)
DOUT9–DOUT0
LINE_VALID
Column skip readout
G0
(9:0)
R0
(9:0)
G8
(9:0)
R8
(9:0)
DOUT9–DOUT0
LINE_VALID
Normal readout
G0
(9:0)
R0
(9:0)
G1
(9:0)
R1
(9:0)
G2
(9:0)
G31
(9:0)
R31
(9:0)
DOUT9–DOUT0
LINE_VALID
Column skip readout
G0
(9:0)
R0
(9:0)
G16
(9:0)
R16
(9:0)
Table 9:
Zoom Values
BIT VALUES
ZOOM VALUE
BLANK ROWS
00
2
1
01
4
3
10
8
7
11
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com