Electronic Components Datasheet Search
  English  ▼

X  

AD9652 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9652
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9652 Datasheet HTML 29Page - Analog Devices AD9652 Datasheet HTML 30Page - Analog Devices AD9652 Datasheet HTML 31Page - Analog Devices AD9652 Datasheet HTML 32Page - Analog Devices AD9652 Datasheet HTML 33Page - Analog Devices AD9652 Datasheet HTML 34Page - Analog Devices AD9652 Datasheet HTML 35Page - Analog Devices AD9652 Datasheet HTML 36Page - Analog Devices AD9652 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
AD9652
Data Sheet
Rev. B | Page 36 of 36
OUTLINE DIMENSIONS
*0.50
0.45
0.40
0.60 REF
1.40
1.34
1.19
1.11
1.01
0.91
0.33 NOM
0.28 MIN
A
B
C
D
E
F
G
J
H
K
L
M
12 11 10
8 7 6
3 2 1
9
5 4
10.10
10.00 SQ
9.90
8.80
BSC SQ
*COMPLIANT WITH JEDEC STANDARDS MO-275-EEAA-1
WITH THE EXCEPTION TO BALL DIAMETER.
COPLANARITY
0.12
BALL DIAMETER
0.80
BSC
DETAIL A
A1 BALL
CORNER
A1 BALL
CORNER
DETAIL A
BOTTOM VIEW
TOP VIEW
SEATING
PLANE
Figure 67. 144-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-144-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9652BBCZ-310
−40°C to +85°C
144-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-144-6
AD9652BBCZRL7-310
−40°C to +85°C
144-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-144-6
AD9652-310EBZ
−40°C to +85°C
Evaluation Board with AD9652
1
Z = RoHS Compliant Part.
©2014–2017 Analog Devices, Inc. All rights reserved. Trademarksand
registered trademarks are the property of their respective owners.
D12169-0-1/17(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com