Electronic Components Datasheet Search
  English  ▼

X  

AD9652 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9652
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9652 Datasheet HTML 26Page - Analog Devices AD9652 Datasheet HTML 27Page - Analog Devices AD9652 Datasheet HTML 28Page - Analog Devices AD9652 Datasheet HTML 29Page - Analog Devices AD9652 Datasheet HTML 30Page - Analog Devices AD9652 Datasheet HTML 31Page - Analog Devices AD9652 Datasheet HTML 32Page - Analog Devices AD9652 Datasheet HTML 33Page - Analog Devices AD9652 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
Data Sheet
AD9652
Rev. B | Page 29 of 36
SERIAL PORT INTERFACE
The AD9652 serial port interface (SPI) allows the user to
configure the converter for specific functions or operations
through a structured register space provided inside the ADC.
The SPI gives the user added flexibility and customization,
depending on the application. Addresses are accessed via the
serial port and can be written to or read from via the port.
Memory is organized into bytes that can be further divided into
fields. These fields are documented in the Memory Map
section. For detailed operational information, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.
CONFIGURATION USING THE SPI
Three pins define the SPI of this ADC: the SCLK pin, the SDIO
pin, and the CSB pin (see Table 14). The SCLK (serial clock) pin
synchronizes the read and write datapresented from/to the ADC.
The SDIO (serial data input/output) pin is a dual-purpose pin
that allows data to be sent and read from the internal ADC
memory map registers. The CSB (chip select bar) pin is an
active low control that enables or disables the read and write cycles.
Table 14. Serial Port Interface Pins
Pin
Function
SCLK
Serial clock. Theserial shift clockinput, whichsynchronizes
serial interface reads and writes.
SDIO
Serial data input/output. A dual-purpose pin that
typically serves as an input or an output, depending on
the instruction beingsent and the relative positionin the
timingframe.
CSB
Chip select bar. An active low control that gates the read
and write cycles. Must be pulledto logic high during
power up.
The falling edge of CSB, in conjunction with the rising edge of
SCLK, determines the start of the framing. An example of the
serial timing and its definitions can be found in Table 5 and
Figure 4.
Other modes involving the CSB pin are available. The CSB pin
can be held low indefinitely, which permanently enables the
device; this is called streaming. The CSB pin can stall high
between bytes to allow for additional external timing. When
CSB is tied high, SPI functions are placed in a high impedance
mode.
During an instruction phase, a 16-bit instruction is transmitted.
Data follows the instruction phase, and its length is determined
by the W0 and the W1 bits.
All data is composed of 8-bit words. The first bit of each
individual byte of serial data indicates whether a read or write
command is issued. This allows the serial data input/output
(SDIO) pin to change direction from an input to an output.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. If the instruction is areadback
operation, performing a readback causes the serial data input/
output (SDIO/DCS) pin tochange direction froman input to an
output at the appropriate point in the serial frame.
Data can be sent in MSB first mode or in LSB first mode. MSB
first is the default on power-up and can be changed via the SPI
port configuration register. For more information about this
and other features, see the AN-877 Application Note.
HARDWARE INTERFACE
The pins described in Table 14 comprise the physical interface
between the user programming device and the serial port of the
AD9652. The SCLK pin and the CSB pin function as inputs
when using the SPI interface. The SDIO pin is bidirectional,
functioning as an input during write phases and as an output
during readback.
The SPI interface is flexible enough to be controlled by either
field-programmable grid arrays (FPGAs) or microcontrollers.
One method for SPI configuration is described in detail in the
AN-812 Application Note, Microcontroller-Based Serial Port
Interface (SPI) Boot Circuit.
The SPI port must not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade converter performance. If the on-board SPI bus is used
for other devices, it maybe necessary toprovide buffers between
this bus and the AD9652 to prevent these signals from transi-
tioning at the converter inputs during critical sampling periods.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO pin and the SCLK pin serve as standalone CMOS-
compatible control pins. When the device is powered up, it is
assumed that the user intends to use the pins as static control
lines for the DCS and output data format feature control. In this
mode, connect CSB to AVDD, which disables the serial port
interface.
Table 15. Mode Selection
Pin
External Voltage
Configuration
SDIO
AVDD (default)
DCSenabled
AGND
DCS disabled
SCLK
AVDD
Twos complementenabled
AGND (default)
Offset binary enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com