Electronic Components Datasheet Search
  English  ▼

X  

AD9652 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9652
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9652 Datasheet HTML 11Page - Analog Devices AD9652 Datasheet HTML 12Page - Analog Devices AD9652 Datasheet HTML 13Page - Analog Devices AD9652 Datasheet HTML 14Page - Analog Devices AD9652 Datasheet HTML 15Page - Analog Devices AD9652 Datasheet HTML 16Page - Analog Devices AD9652 Datasheet HTML 17Page - Analog Devices AD9652 Datasheet HTML 18Page - Analog Devices AD9652 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
AD9652
Data Sheet
Rev. B | Page 14 of 36
0
–140
–120
–100
–80
–60
–40
–20
0
140
120
100
80
60
40
20
fIN (MHz)
AIN = –7dBFS
SNRFS = 75dB
SFDR = 92dBc
Figure 12. Single Tone FFT with fIN = 185 MHz at −7 dBFS
(NSD = −156.9 dBFS/Hz), Register 0x22A = 0x01
0
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
fIN (MHz)
AIN = –1dBFS
SNRFS = 69.7dB
SFDR = 86.9dBc
Figure 13. FFT fIN = 305 MHz, AIN = −1 dBFS, Dither Off, Register 0x22A = 0x01
0
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
fIN (MHz)
AIN = –7dBFS
SNRFS = 72.7dB
SFDR = 90.7dBc
Figure 14. FFT fIN = 305 MHz, AIN = −7 dBFS, Dither Off, Register 0x22A = 0x01
0
–140
–120
–100
–80
–60
–40
–20
0
140
120
100
80
60
40
20
fIN (MHz)
AIN = –7dBFS
SNRFS = 74.5dB
SFDR = 93dBc
Figure 15. Single Tone FFT with fIN = 185 MHz at −7dBFS with Dither
(NSD = −156.4 dBFS/Hz), Register 0x22A = 0x01
0
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
fIN (MHz)
AIN = –1dBFS
SNRFS = 69.5dB
SFDR = 91.6dBc
Figure 16. FFT fIN = 305 MHz, AIN = −1 dBFS, Dither On, Register 0x22A = 0x01
0
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
fIN (MHz)
AIN = –7dBFS
SNRFS = 72.8dB
SFDR = 90.7dBc
Figure 17. FFT fIN = 305 MHz, AIN = −7 dBFS, Dither On, Register 0x22A = 0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com