Electronic Components Datasheet Search
  English  ▼

X  

AD9652 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9652
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9652 Datasheet HTML 23Page - Analog Devices AD9652 Datasheet HTML 24Page - Analog Devices AD9652 Datasheet HTML 25Page - Analog Devices AD9652 Datasheet HTML 26Page - Analog Devices AD9652 Datasheet HTML 27Page - Analog Devices AD9652 Datasheet HTML 28Page - Analog Devices AD9652 Datasheet HTML 29Page - Analog Devices AD9652 Datasheet HTML 30Page - Analog Devices AD9652 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
AD9652
Data Sheet
Rev. B | Page 26 of 36
The calibration engine monitors any errors and resets the
calibration cycle if the input signal exceeds the input range for
1000 samples within a single calibration cycle.
At startup, when the AD9652 is first powered and a valid clock
is applied, a fast start-up background calibration is performed
and converges 64 times faster than the normal calibration cycle.
At 310 MSPS, the fast start-up calibration updates after 1.3 seconds.
The fast start-up calibration allows the AD9652 to be used
sooner than waiting for a full calibration cycle and typically
degrades SNR performance by less than 0.5 dB. This degradation
lasts until a full calibration cycle completes.
In cases where configuration of the AD9652 changes and a
recalibration is needed, a fast start-up calibration can be
initiated by an SPI register write or by asserting and
deasserting the PDWN pin.
To initiate using the SPI register, use Register 0x08[1:0]. To start
a new fast calibration, put either or both ADC channels in
standby and then return them to normal operation mode by
writing 0x2 and then 0x0 to Register 0x08[1:0]. After returning
to normal operation mode, the fast calibration is initiated one
time followed by the normal, full calibration cycle. In addition
to standby, this is also the case for power-down. Writing a 0x1
followed by a 0x0 initiates a fast calibration. Alternatively, a fast
start-up calibration can be initiated by writing 0x0C and then
0x08 to Register 0x4FB.
The PDWN pin can be configured to put the device in power-
down or standby mode based on the setting in Register 0x08[1:0].
Transitioning from either power-down or standby into normal
mode causes a fast calibration to be initiated. Configuration
changes that require a new calibration include, but are not
limited to, changes of setting for VREF, dither enable/disable,
clock input changes, and DCS state changes.
There are various advanced configuration options associated
with the background calibration for applications that require
special treatment. The options include an optional recovery
mode for standby and a pausing background calibration.
If standby is used in an application, by default, the AD9652
keeps the current corrections, but initiates a new fast calibration
when returning to normal operation mode. For standby, if
conditions have not significantly changed, the AD9652 can be
configured to retain the last correction coefficients by writing
0x00 to Register 0x4FA before entering the standby mode. This
returns the device to the same operation as when it entered
standby, retaining previous calibration values in standby mode
and continuing the normal calibration cycle when returned to
normal operation mode.
Although this is not recommended, in some instances such as
when all the environmental, clocking, and input signals are very
stable, the calibration can be paused. Pausing the background
calibration causes a slight degradation in performance, but can
be accomplished by writing 0x1 to Register 0x4FB, Bit 0. To re-
enable the background calibration, write 0x0 to Register 0x4FB,
Bit 0. Note: Register 0x4FB has reserved bits that must be
preserved when accessing that and similar registers.
DIGITAL OUTPUTS
The AD9652 output drivers are for standard ANSI LVDS, but
optionally the drive current can be reduced using Register 0x15.
The reduced drive current for the LVDS outputs potentially
reduce the digitally induced noise.
As detailed in the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI, the data format can be selected for offset
binary, twos complement, or gray code when using the SPI
control.
The AD9652 has a flexible three-state ability for the digital
output pins. The three-state mode is enabled when the device is
set for power-down mode.
Timing
The AD9652 provides latched data with a pipeline delay of
26 input sample clock cycles. Data outputs are available one
propagation delay (tPD) after the rising edge of the clock signal.
Minimize the length of the output data lines and the corresponding
loads to reduce transients within the AD9652. These transients
can degrade converter dynamic performance.
The lowest typical conversion rate of the AD9652 is 80 MSPS.
At clock rates below 80 MSPS, dynamic performance may
degrade.
Data Clock Output
The AD9652 also provides a data clock output (DCO) intended
for capturing the data in an external register. Figure 2 shows a
timing diagram of the AD9652 output modes. The DCO relative to
the data output can be adjusted using Register 0x17. There are 32
delay settings with approximately 81 ps per step. Data is output
in a DDR format and is aligned to the rising and falling edges of
the clock derived from DCO±.
ADC OVERRANGE
The ADC overrange (OR) indicator is asserted when an
overrange is detected on the input of the ADC. The overrange
condition is determined at the output of the ADC pipeline and,
therefore, is subject to a latency of 26 ADC clocks. An
overrange at the input is indicated by this bit, 26 clock cycles
after it occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com