Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2014
Description  POWER DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 8Page - Texas Instruments TPS2014 Datasheet HTML 9Page - Texas Instruments TPS2014 Datasheet HTML 10Page - Texas Instruments TPS2014 Datasheet HTML 11Page - Texas Instruments TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TPS2030, TPS2031, TPS2032, TPS2033, TPS2034
POWERDISTRIBUTION SWITCHES
SLVS190B − DECEMBER 1998 − REVISED MARCH 2004
12
TI.COM
PARAMETER MEASUREMENT INFORMATION
Figure 18. 1.2-
Ω Load Connected to an Enabled
TPS2032 Device
100 200 300 400 500 600 700 800 900 1000
t − Time −
µs
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 1.2 Ω
TA = 25°C
Figure 19. 1.2-
Ω Load Connected to an Enabled
TPS2033 Device
100 200 300 400 500 600 700
800
900 1000
t − Time −
µs
VO(OC) (5 V/div)
0
IO(OUT) (2 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 1.2 Ω
TA = 25°C
Figure 20. 0.9-
Ω Load Connected to an Enabled
TPS2033 Device
100 200 300 400 500 600 700 800 900 1000
t − Time −
µs
VO(OC) (5 V/div)
0
IO(OUT) (2 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 0.9 Ω
TA = 25°C
Figure 21. 0.9-
Ω Load Connected to an Enabled
TPS2034 Device
100 200 300 400 500 600 700
800
900 1000
t − Time −
µs
VO(OC) (5 V/div)
0
IO(OUT) (5 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 0.9 Ω
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com