Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS2014
Description  POWER DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 11Page - Texas Instruments TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments TPS2014 Datasheet HTML 17Page - Texas Instruments TPS2014 Datasheet HTML 18Page - Texas Instruments TPS2014 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TPS2030, TPS2031, TPS2032, TPS2033, TPS2034
POWERDISTRIBUTION SWITCHES
SLVS190B − DECEMBER 1998 − REVISED MARCH 2004
15
TI.COM
TYPICAL CHARACTERISTICS
Figure 27
55
45
35
−50 −25
0
25
50
65
SUPPLY CURRENT (ENABLED)
vs
JUNCTION TEMPERATURE
75
75
100
150
TJ − Junction Temperature − °C
125
VI(IN) = 3.3 V
VI(IN) = 4 V
VI(IN) = 5 V
VI(IN) = 5.5 V
VI(IN) = 2.7 V
Figure 28
1
0
−1
−50 −25
0
25
50
4
SUPPLY CURRENT (DISABLED)
vs
JUNCTION TEMPERATURE
5
75
100
150
TJ − Junction Temperature − °C
125
3
2
VI(IN) = 4 V
VI(IN) = 2.7 V
VI(IN) = 5 V
VI(IN) = 5.5 V
VI(IN) = 3.3 V
Figure 29
55
45
35
2.5
3
3.5
4
4.5
65
SUPPLY CURRENT (ENABLED)
vs
INPUT VOLTAGE
75
5
5.5
6
VI − Input Voltage − V
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = 0°C
TJ = −40°C
Figure 30
1
0
−1
2.5
3
3.5
4
4.5
4
SUPPLY CURRENT (DISABLED)
vs
INPUT VOLTAGE
5
5
5.5
6
VI − Input Voltage − V
3
2
TJ = 85°C
TJ = 0°C
TJ = −40°C
TJ = 125°C
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com