Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS2014
Description  POWER DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments TPS2014 Datasheet HTML 17Page - Texas Instruments TPS2014 Datasheet HTML 18Page - Texas Instruments TPS2014 Datasheet HTML 19Page - Texas Instruments TPS2014 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
TPS2030, TPS2031, TPS2032, TPS2033, TPS2034
POWERDISTRIBUTION SWITCHES
SLVS190B − DECEMBER 1998 − REVISED MARCH 2004
16
TI.COM
SHORT-CIRCUIT CURRENT LIMIT
vs
INPUT VOLTAGE
Figure 31
1.5
0.5
0
23
4
2.5
3.5
56
VI − Input Voltage − V
1
2
3
TPS2033
TPS2032
TPS2031
TPS2030
TPS2034
TA = 25°C
Figure 32
SHORT-CIRCUIT CURRENT LIMIT
vs
JUNCTION TEMPERATURE
1.5
0.5
0
−50
−25
0
2.5
3.5
25
100
TJ − Junction Temperature − °C
1
2
3
TPS2033
TPS2032
TPS2031
TPS2030
TPS2034
50
75
Figure 33
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
INPUT VOLTAGE
20
2.5
3
3.5
40
60
46
VI − Input Voltage − V
30
50
4.5
5
5.5
TJ = 25°C
TJ = 125°C
TJ = −40°C
IO = 0.18 A
Figure 34
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
JUNCTION TEMPERATURE
20
−50
−25
0
40
60
25
150
TJ − Junction Temperature − °C
30
50
VI = 2.7 V
50
75
100
125
VI = 3.3 V
VI = 5.5 V
IO = 0.18 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com