Electronic Components Datasheet Search
  English  ▼

X  

TPS2014 Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS2014
Description  POWER DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS2014 Datasheet HTML 10Page - Texas Instruments TPS2014 Datasheet HTML 11Page - Texas Instruments TPS2014 Datasheet HTML 12Page - Texas Instruments TPS2014 Datasheet HTML 13Page - Texas Instruments TPS2014 Datasheet HTML 14Page - Texas Instruments TPS2014 Datasheet HTML 15Page - Texas Instruments TPS2014 Datasheet HTML 16Page - Texas Instruments TPS2014 Datasheet HTML 17Page - Texas Instruments TPS2014 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
TPS2030, TPS2031, TPS2032, TPS2033, TPS2034
POWERDISTRIBUTION SWITCHES
SLVS190B − DECEMBER 1998 − REVISED MARCH 2004
14
TI.COM
TYPICAL CHARACTERISTICS
Figure 23
4.5
4
3.5
2.5
3
3.5
4
4.5
5
5.5
TURNON DELAY TIME
vs
OUTPUT VOLTAGE
7.5
5
5.5
6
VI − Input Voltage − V
6
6.5
7
TA = 25°C
CL = 1 µF
Figure 24
17
16.5
16
2.5
3
3.5
4
4.5
17.5
TURNOFF DELAY TIME
vs
INPUT VOLTAGE
18
5
5.5
6
VI − Input Voltage − V
TA = 25°C
CL = 1 µF
Figure 25
5.5
5
0
0.5
1
6
RISE TIME
vs
LOAD CURRENT
6.5
1.5
2
IL − Load Current − A
TA = 25°C
CL = 1 µF
Figure 26
3.25
2.75
2.5
0
0.5
3.5
FALL TIME
vs
LOAD CURRENT
1
1.5
2
3
IL − Load Current − A
TA = 25°C
CL = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com