Electronic Components Datasheet Search
  English  ▼

X  

AD9257 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9257
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9257 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9257 Datasheet HTML 12Page - Analog Devices AD9257 Datasheet HTML 13Page - Analog Devices AD9257 Datasheet HTML 14Page - Analog Devices AD9257 Datasheet HTML 15Page - Analog Devices AD9257 Datasheet HTML 16Page - Analog Devices AD9257 Datasheet HTML 17Page - Analog Devices AD9257 Datasheet HTML 18Page - Analog Devices AD9257 Datasheet HTML 19Page - Analog Devices AD9257 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Data Sheet
AD9257
Rev. A | Page 15 of 40
120
0
INPUT AMPLITUDE (dBFS)
SFDRFS
SFDR
SNRFS
SNR
0
20
40
60
80
100
–90
–80
–70
–60
–50
–40
–30
–20
–10
Figure 27. SNR/SFDR vs. Analog Input Level, fIN = 9.7 MHz, fSAMPLE = 40 MSPS
105
20
30
40
SAMPLE FREQUENCY (MSPS)
70
75
80
85
90
95
100
SFDR
SNRFS
25
35
Figure 28. SNR/SFDR vs. Encode, fIN = 19.7 MHz, CLK Divider = 4
105
70
–40
85
TEMPERATURE (°C)
75
80
85
90
95
100
–15
10
35
60
SFDR (dBc)
SNR (dBFS)
Figure 29. SNR/SFDR vs. Temperature, fIN = 9.7 MHz, fSAMPLE = 40 MSPS
110
100
0
0
200
INPUT FREQUENCY (MHz)
70
10
20
30
40
50
60
80
90
100
120
140
80
20
40
60
180
160
SFDR (dBc)
SNR (dBFS)
Figure 30. SNR/SFDR vs. fIN, fSAMPLE = 40 MSPS
30
40
25
35
105
20
SAMPLE FREQUENCY (MSPS)
70
75
80
85
90
95
100
SFDR
SNRFS
Figure 31. SNR/SFDR vs. Encode, fIN = 30.5 MHz, CLK Divider = 4
0
50,000
100,000
150,000
200,000
250,000
300,000
350,000
450,000
400,000
500,000
OUTPUT CODE
0.91 LSB RMS
Figure 32. Input-Referred Noise Histogram, fSAMPLE = 40 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com