Electronic Components Datasheet Search
  English  ▼

X  

AD9257 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9257
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9257 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9257 Datasheet HTML 29Page - Analog Devices AD9257 Datasheet HTML 30Page - Analog Devices AD9257 Datasheet HTML 31Page - Analog Devices AD9257 Datasheet HTML 32Page - Analog Devices AD9257 Datasheet HTML 33Page - Analog Devices AD9257 Datasheet HTML 34Page - Analog Devices AD9257 Datasheet HTML 35Page - Analog Devices AD9257 Datasheet HTML 36Page - Analog Devices AD9257 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
AD9257
Data Sheet
Rev. A | Page 32 of 40
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Comments
0x0B
Clock divide
(global)
Open
Open
Open
Open
Open
Clock divide ratio, Bits[2:0]
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
The divide
ratio is the
value plus 1.
0x0C
Enhancement
control
Open
Open
Open
Open
Open
Chop
mode
0 = off
1 = on
Open
Open
0x00
Enables/
disables chop
mode.
0x0D
Test mode (local
except for PN
sequence resets)
User input test mode
00 = single
01 = alternate
10 = single once
11 = alternate once
(affects user input test
mode only,
Bits[3:0] = 1000)
Reset PN
long gen
Reset
PN
short
gen
Output test mode, Bits[3:0] (local)
0000 = off (default)
0001 = midscale short
0010 = positive FS
0011 = negative FS
0100 = alternating checkerboard
0101 = PN 23 sequence
0110 = PN 9 sequence
0111 = one/zero word toggle
1000 = user input
1001 = 1-/0-bit toggle
1010 = 1× sync
1011 = one bit high
1100 = mixed bit frequency
0x00
When set, the
test data is
placed on the
output pins in
place of
normal data.
0x10
Offset adjust (local)
8-bit device offset adjustment, Bits[7:0] (local)
Offset adjust in LSBs from +127 to −128 (twos complement format)
0x00
Device offset
trim.
0x14
Output mode
Open
LVDS-ANSI/
LVDS-IEEE
option
0 = LVDS-
ANSI
1 = LVDS-
IEEE reduced
range link
(global);
(see Table 18)
Open
Open
Open
Output
invert
(local)
Open
Output
format
0 = offset
binary
1 = twos
comple-
ment
(global)
0x01
Configures the
outputs and
the format of
the data.
0x15
Output adjust
Open
Open
Output driver
termination,
Bits[1:0]
00 = none
01 = 200 Ω
10 = 100 Ω
11 = 100 Ω
Open
Open
Open
Output
drive
0 = 1×
drive
1 = 2×
drive
0x00
Determines
LVDS or
other output
properties.
0x16
Output phase
Open
Input clock phase adjust, Bits[6:4]
(value is number of input clock cycles
of phase delay)
(see Table 19)
Output clock phase adjust, Bits[3:0]
(Setting = 0000 through 1011)
(see Table 20)
0x03
On devices
that use global
clock divide,
determines
which phase
of the divider
output is used
to supply the
output clock.
Internal
latching is
unaffected.
0x18
VREF
Open
Open
Open
Open
Open
Internal VREF adjustment
digital scheme, Bits[2:0]
000 = 1.0 V p-p
001 = 1.14 V p-p
010 = 1.33 V p-p
011 = 1.6 V p-p
100 = 2.0 V p-p
0x04
Selects and/or
adjusts the
VREF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com