Electronic Components Datasheet Search
  English  ▼

X  

AD9257 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9257
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9257 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9257 Datasheet HTML 24Page - Analog Devices AD9257 Datasheet HTML 25Page - Analog Devices AD9257 Datasheet HTML 26Page - Analog Devices AD9257 Datasheet HTML 27Page - Analog Devices AD9257 Datasheet HTML 28Page - Analog Devices AD9257 Datasheet HTML 29Page - Analog Devices AD9257 Datasheet HTML 30Page - Analog Devices AD9257 Datasheet HTML 31Page - Analog Devices AD9257 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Data Sheet
AD9257
Rev. A | Page 27 of 40
BUILT-IN OUTPUT TEST MODES
The AD9257 includes a built-in test feature designed to enable
verification of the integrity of each data output channel, as well
as to facilitate board level debugging. Various output test options
are provided to place predictable values on the outputs of the
AD9257.
OUTPUT TEST MODES
The output test options are described in Table 17 at Address 0x0D.
When an output test mode is enabled, the analog section of the
ADC is disconnected from the digital back-end blocks and the
test pattern is run through the output formatting block. Some of
the test patterns are subject to output formatting, and some are
not. The PN generators from the PN sequence tests can be reset
by setting Bit 4 or Bit 5 of Register 0x0D. These tests can be
performed with or without an analog signal (if present, the
analog signal is ignored), but they do require an encode clock.
For more information, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com