Electronic Components Datasheet Search
  English  ▼

X  

AD9257 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9257
Description  1.8 V Analog-to-Digital Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9257 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9257 Datasheet HTML 14Page - Analog Devices AD9257 Datasheet HTML 15Page - Analog Devices AD9257 Datasheet HTML 16Page - Analog Devices AD9257 Datasheet HTML 17Page - Analog Devices AD9257 Datasheet HTML 18Page - Analog Devices AD9257 Datasheet HTML 19Page - Analog Devices AD9257 Datasheet HTML 20Page - Analog Devices AD9257 Datasheet HTML 21Page - Analog Devices AD9257 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Data Sheet
AD9257
Rev. A | Page 17 of 40
EQUIVALENT CIRCUITS
AVDD
VIN± x
Figure 35. Equivalent Analog Input Circuit
CLK+
CLK–
0.9V
15kΩ
10Ω
10Ω
15kΩ
AVDD
AVDD
Figure 36. Equivalent Clock Input Circuit
31kΩ
400Ω
AVDD
SDIO/DFS
Figure 37. Equivalent SDIO/DFS Input Circuit
DRVDD
DRGND
D– x
D+ x
V
V
V
V
Figure 38. Equivalent Digital Output Circuit
350Ω
AVDD
30kΩ
SCLK/DTP, SYNC,
AND PDWN
Figure 39. Equivalent SCLK/DTP, SYNC, and PDWN Input Circuit
RBIAS
AND VCM
375Ω
AVDD
Figure 40. Equivalent RBIAS, VCM Circuit
CSB
350Ω
AVDD
30kΩ
Figure 41. Equivalent CSB Input Circuit
VREF
AVDD
7.5kΩ
375Ω
Figure 42. Equivalent VREF Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com