Electronic Components Datasheet Search
  English  ▼

X  

T0516ST Datasheet(PDF) 4 Page - Chip Integration Technology Corporation

Part # T0516ST
Description  Ultra-Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0516ST Datasheet(HTML) 4 Page - Chip Integration Technology Corporation

  T0516ST Datasheet HTML 1Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 2Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 3Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 4Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 5Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 6Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Application Information
Pin Connection in PCB
and one power rail line simultaneously. The pin
connection is shown in Figure 1.
Six parallel data lines, from inner IC to I/O port
connector, could connect to T0516ST six I/O pins
directly. Pin 9 of T0516ST is the GND pin, which
should connect to the GND of PCB. The wire should
be as short as possible in order to minimize the
parasitic inductance. Pin 2 of T0516ST is the VCC
pin, which should connect to the VCC rail of PCB.
In some cases, systems are not allowed to be reset or
restart after zapping ESD stress at the I/O port connector
Under this situation, to enhance the sustainable ESD
level, a 0.1uF capacitor can be used berween the VCC
and GND rails. Place the capacitor as close as possible
to T0516ST.
.
In some cases, VCC rail is not presented on the PCB.
Under this situation, the pin 2 of T0516ST can be left
as floating. The pin connection is show
I/O1
I/O2
GND
VCC
To Connector
I/O4
I/O5
To Inner IC
I/O3
I/O6
To Inner IC
To Connector
0.1 F
1
2
3
4
5
10
9
8
7
6
Figure 1
T0516ST pin connection in PCB providing data lines
and power rail line protection.
I/O1
I/O2
GND
VCC floated
To Connector
I/O4
I/O5
To Inner IC
I/O3
I/O6
To Inner IC
To Connector
1
2
3
4
5
10
9
8
7
6
Figure 2 T0516ST pin connection in PCB providing data line protection.
VCC pin is left as floating when no VCC rail is presented in PCB
T0516ST provides ESD protection for six data lines
T0516ST
Chip Integration Technology Corporation
Document ID : DS-22V08
Revised Date : 2016/08/29
Revision : C
Ultra-Low Capacitance ESD Protection Device



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com