Electronic Components Datasheet Search
  English  ▼

X  

T0516ST Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # T0516ST
Description  Ultra-Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0516ST Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  T0516ST Datasheet HTML 1Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 2Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 3Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 4Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 5Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 6Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Document ID : DS-22V08
Revised Date : 2016/08/29
Revision : C
Ultra-Low Capacitance ESD Protection Device
T0516ST
Chip Integration Technology Corporation
Features
□
Transient protection for super-speed data lines
IEC 61000-4-2 (ESD) ±25kV (Air)
±17kV (Contact)
IEC 61000-4-2(EFT) 40A(5/50 ns)
Cable Discharge Event (CDE)
□
ESD protection for super-speed differential signal
(above 5Gb/s) channels
□
Fast turn-on and low clamping voltage
□
Protects six data lines and one VCC line
□
Ultra-low capacitance: 0.5pF Typical (I/O - I/O)
□
Low leakage current: 0.1uA @ V
(Typical)
RWM
□
Back-drive protection for power-down mode
□
Each I/O pin cann withstand over 1000 ESD
strikes for
kV contact discharge
±8
Description
T0516ST
is an ultra-low capacitance Transient
Voltage Suppressor (TVS) designed to provide
electrostatic discharge (ESD) protection for super-
speed data interfaces. With typical capacitance of
0.5pF only, T0516ST is designed to protect
parasitic-sensitive systems against over-voltage and
over-current transient events. It complies with IEC
61000-4-2 (ESD), Level 4 (±15kV air, ±8kV contact
discharge), IEC 61000-4-4 (electrical fast transient -
-
EFT) (40A, 5/50 ns), very fast charged device model
(CDM) ESD and cable discharge event (CDE), etc.
.
lines and one VCC line. The combined features of ultra-
.
low capacitance, small size and high ESD robustness
high-frequency lines (e.g., HDMI & DVI) applications.
.
The low clamping voltage of the T0516ST guarantees
a minimum stress on the protected IC.
Applications
□
USB3.0 Power and Data Line Protection
□
Desktops, Servers and Notebooks
□
MDDI Ports
□
Display Ports
□
High Definition Multi-Media Interface (HDMI)
□
Digital Visual Interfaces (DVI)
Mechanical Characteristics
□
DFN4120-10L package
□
Flammability Rating: UL 94V-0
□
Packaging: Tape and Reel
Circuit Diagram
1
4
5
6
7
GND
10
VCC
2
9
Pin Configuration
I/O_1
I/O_2
I/O_3
I/O_4
I/O_6
I/O_5
VCC
GND
NC
NC
DFN4120-
10L
(Top View, not to scale)
T0516ST uses an DFN4120-10L package. Each
T0516ST device can protect six super-speed data
make T0516ST ideal for super-speed data ports and


Similar Part No. - T0516ST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T0510MH STMICROELECTRONICS-T0510MH Datasheet
64Kb / 5P
STANDARD TRIACS
Jan-1995
T0510XH STMICROELECTRONICS-T0510XH Datasheet
64Kb / 5P
STANDARD TRIACS
Jan-1995
T0512XH STMICROELECTRONICS-T0512XH Datasheet
64Kb / 5P
STANDARD TRIACS
Jan-1995
logo
Chip Integration Techno...
T0514SP CITC-T0514SP Datasheet
547Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0514TL CITC-T0514TL Datasheet
905Kb / 9P
Ultra-Low Capacitance ESD Protection Device
More results

Similar Description - T0516ST

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
T0501SA CITC-T0501SA Datasheet
928Kb / 7P
Ultra-Low Capacitance ESD Protection Device
T0502SK CITC-T0502SK Datasheet
746Kb / 6P
Ultra-Low Capacitance ESD Protection Device
T0504SP CITC-T0504SP Datasheet
544Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0506ST CITC-T0506ST Datasheet
564Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0514SP CITC-T0514SP Datasheet
547Kb / 8P
Ultra-Low Capacitance ESD Protection Device
T0514TL CITC-T0514TL Datasheet
905Kb / 9P
Ultra-Low Capacitance ESD Protection Device
T0524SP CITC-T0524SP Datasheet
547Kb / 8P
Ultra-Low Capacitance ESD Protection Device
logo
Shenzhen Luguang Electr...
LGLT0521SB LUGUANG-LGLT0521SB Datasheet
1Mb / 5P
Ultra-Low Capacitance ESD Protection Device
LGLT0502SK LUGUANG-LGLT0502SK Datasheet
1Mb / 5P
Ultra-Low Capacitance ESD Protection Device
LGLT0514TL LUGUANG-LGLT0514TL Datasheet
1Mb / 8P
Ultra-Low Capacitance ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com