Electronic Components Datasheet Search
  English  ▼

X  

T0516ST Datasheet(PDF) 5 Page - Chip Integration Technology Corporation

Part # T0516ST
Description  Ultra-Low Capacitance ESD Protection Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0516ST Datasheet(HTML) 5 Page - Chip Integration Technology Corporation

  T0516ST Datasheet HTML 1Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 2Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 3Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 4Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 5Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 6Page - Chip Integration Technology Corporation T0516ST Datasheet HTML 7Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Application Information
USB3.0 Protection for Super Speed
Differential signals
data lines. Thus, a lot of kids of high speed I/O ports
can be the applications of T0516ST, especially, the
USB3.0 port.
USB3.0 is expected to transmit and receive above
5Gb/s data, which needs differential signaling. For
differential signaling, keep the differential impedance
at constant is the most importance.
ESD protection devices have an inherent junction
capacitance. Usually, this added capacitance on a
USB3.0 port will drop the impedance of the
differential pair to interfere with the signaling.
to each differential signal while being rated to handle
8kV ESD contact/air discharges as outlined in IEC
61000-4-2and providing a low clamping voltage to
protect the downstream devices.
Therefore, T0516ST is the most suitable ESD
protector for USB3.0 I/O ports and other high speed.
above 5Gb/s, I/O ports in any electronic product.
Figure 3 shows the pin connection example for
USB3.0 I/O ports.
Rx+
Rx-
GND
VBus
To Connector
Tx-
D+
To Inner IC
Tx+
D-
To Inner IC
To Connector
1
2
3
4
5
10
9
8
7
6
Figure 3 T0516ST pin connection for USB3.0 protection.
T0516ST provides ESD protection for super-speed
T0516ST presents only 0.4pF maximum capacitance
Marking Codes
7UYYWW
Pin1 Identification
Note:
(1) "7U" is part number, while "YYWW" is date code.
Ordering Information
Part Number
Working
Voltage
Quantity
Per Reel
Reel Size
5V
3,000
7 Inch
T0516ST
T0516ST
Chip Integration Technology Corporation
Document ID : DS-22V08
Revised Date : 2016/08/29
Revision : C
Ultra-Low Capacitance ESD Protection Device



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com