Electronic Components Datasheet Search
  English  ▼

X  

AD9601 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9601
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 5 Page - Analog Devices

  AD9601 Datasheet HTML 1Page - Analog Devices AD9601 Datasheet HTML 2Page - Analog Devices AD9601 Datasheet HTML 3Page - Analog Devices AD9601 Datasheet HTML 4Page - Analog Devices AD9601 Datasheet HTML 5Page - Analog Devices AD9601 Datasheet HTML 6Page - Analog Devices AD9601 Datasheet HTML 7Page - Analog Devices AD9601 Datasheet HTML 8Page - Analog Devices AD9601 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AD9601
Rev. 0 | Page 4 of 32
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted. 1
Table 2.
AD9601-200
AD9601-250
Parameter2
Temp
Min
Typ
Max
Min
Typ
Max
Unit
SNR
fIN = 10 MHz
25°C
59.5
59.4
dB
Full
58.5
57.8
dB
fIN = 70 MHz
25°C
59.3
59.4
dB
SINAD
fIN = 10 MHz
25°C
59.5
59.4
dB
Full
58.5
57.7
dB
fIN = 70 MHz
25°C
59.3
59.4
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
9.6
9.7
Bits
fIN = 70 MHz
25°C
9.6
9.7
Bits
WORST HARMONIC (SECOND OR THIRD)
fIN = 10 MHz
25°C
84
84
dBc
Full
77
72
dBc
fIN = 70 MHz
25°C
78
81
dBc
WORST OTHER (SFDR EXCLUDING SECOND AND THIRD)
fIN = 10 MHz
25°C
88
86
dBc
Full
80
75
dBc
fIN = 70 MHz
25°C
87
85
dBc
TWO-TONE IMD
170.2 MHz/171.3 MHz @ −7 dBFS
25°C
81
81
dBFS
ANALOG INPUT BANDWIDTH
25°C
700
700
MHz
1 All ac specifications tested by driving CLK+ and CLK− differentially.
2 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com