Electronic Components Datasheet Search
  English  ▼

X  

AD9601 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9601
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9601 Datasheet HTML 25Page - Analog Devices AD9601 Datasheet HTML 26Page - Analog Devices AD9601 Datasheet HTML 27Page - Analog Devices AD9601 Datasheet HTML 28Page - Analog Devices AD9601 Datasheet HTML 29Page - Analog Devices AD9601 Datasheet HTML 30Page - Analog Devices AD9601 Datasheet HTML 31Page - Analog Devices AD9601 Datasheet HTML 32Page - Analog Devices AD9601 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AD9601
Rev. 0 | Page 29 of 32
Qty
Reference
Designator
Package
Description
Vendor
Part Number
2
R5, R6
402
Resistor, 36 Ω, 0402, 1/16 W, 1%
Panasonic
ERJ-2GEJ360X
2
R7, R16
402
Resistor, 15 Ω, 0402, 1/16 W, 5%
Panasonic
ERJ-2RKF15R0X
6
R10, R11, R13,
R24, R25, R27
402
Resistor, 1 kΩ, 0402, 1/16 W, 1%
NIC Components
NRC04F1001TRF
4
R12, R18, R19,
R26,
402
Resistor, 10 kΩ, 0402, 1/16 W, 5%
NIC Components
NRC04J103TRF
7
R15, C16, C18,
C19, C20, R89,
R90
402
Resistor, 0 Ω, 0402, 1/16 W, 5%
NIC Components
NRC04ZOTRF
4
RN1, RN2, RN3,
RN4
0402x8
Resistor array, SMT 0402; 0 Ω, ¼ W, 5%,
RESNEXB-2HV
Panasonic
EXB2HV050JV
3
L1, L8, L9
603
Resistor, 0 Ω, 0603, 1/10 W, 5%
NIC Components
NRC06ZOTRF
1
P9, P10
805
Resistor, 0 Ω, 0805, 1/8 W, 1%
NIC Components
NRC10ZOTRF
1
SW3
EVQ-
Q2F03W
Switch, light touch SMD
Panasonic
P12937SCT-ND
1
T1
2020
Ferrite bead, 5 A, 50 V, 190 Ω @ 100 MHz
Murata
DLW5BSN191SQ2L
2
T2,T3
CD542
Transformer, 0.5 W, 30 mA
Mini-Circuits
ADT1-1WT+
1
U3
6-SC70
IC, buffer, inverter, UHS dual SC70-6
Fairchild
NC7WZ16P6X
1
U5
6-SC70
IC, buffer, inverter, UHS dual OD out SC70-6
Fairchild
NC7WZ07P6X
1
U7
DO-214AA
Diode, 50 V, 2 A
Micro Commercial
S2A-TPMSTR-ND
1
U8
DO-214AB
Diode, 30 V, 3 A (SMC)
Micro Commercial
SK33-TPMSCT-ND
1
U11
SOT-223
Voltage regulator, 3.3 V, 1.5 A
Analog Devices
ADP3339AKCZ-3.3
2
U9, U12
SOT-223
Voltage regulator, 1.8 V, 1.5 A
Analog Devices
ADP3339AKCZ-1.8
1
U4
LFCSP56
AD9230 12-bit, 170 MSPS/210 MSPS/250 MSPS,
1.8 V ADC, LFCSP-56
Analog Devices
AD9230BCPZ-xxx
2
P7, P11
HM-Zd PCB
Connector, 2-Pr, 10-column, high speed, HM-Zd,
PCB-mounted
Tyco
6469169-1
Do not install the following:
0
C2, C54
TAJD
Capacitor, tantalum, SMT 6032, 10 μF, 16 V, 10%
Kemet
T491C106K016AS
0
C15, C37, C38,
C40, C41, C61,
C42, C43, C44,
C45, C46, C47,
C48, C49, C50,
C51, C52, C53,
C39, C56, C57,
C58, C59, C74,
C75, C60, C66,
C67, C68, C69,
C72
402
Capacitor, 0.1 μF, ceramic, 10%
Murata
GRM155R71C104KA88D
0
CR1
Led_ss
LED green, USS type 0603
Panasonic
LNJ314G8TRA
0
CR3
Diode
Schottky diode
Agilent
HSMS2812
0
805
Tyco/Raychem
NANOSMDC110F-2
0
E6, E15, E16,
E17, E18, E19,
E20
Connector, header, 0.1"
Samtec
TSW-150-08-G-S
0
J1
10-pin
header
TSW-110-08-G-D
Samtec
TSW-110-08-G-D
0
J4
SMA
Connector, PCB coax SMA end launch,
Johnson 142
Johnson
142-0701-851
0
L6
1206
Inductor, 10 nH
Murata
BLM31P500S
0
P12, P13, P14,
P15
SMA
Amphenol RF
ARFX1231-ND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com