Electronic Components Datasheet Search
  English  ▼

X  

AD9601 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9601
Description  1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9601 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9601 Datasheet HTML 10Page - Analog Devices AD9601 Datasheet HTML 11Page - Analog Devices AD9601 Datasheet HTML 12Page - Analog Devices AD9601 Datasheet HTML 13Page - Analog Devices AD9601 Datasheet HTML 14Page - Analog Devices AD9601 Datasheet HTML 15Page - Analog Devices AD9601 Datasheet HTML 16Page - Analog Devices AD9601 Datasheet HTML 17Page - Analog Devices AD9601 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AD9601
Rev. 0 | Page 13 of 32
OUTPUT CODE
1.0
–1.0
01024
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
128
256
384
512
640
768
896
Figure 17. AD9601-200 INL; 200 MSPS
400
0
5
245
SAMPLE RATE (MSPS)
350
300
250
200
150
100
50
25
45
65
85
105 125 145 165 185 205 225
TOTAL POWER (mW)
IAVDD (mA)
IDVDD (mA)
Figure 18. AD9601-200 Power Supply Current vs. Sample Rate
1.0
–1.0
01024
90
50
0
500
ANALOG INPUT FREQUENCY (MHz)
OUTPUT CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
128
256
384
512
640
768
896
Figure 19. AD9601-200 DNL; 200 MSPS
85
80
75
70
65
60
55
SFDR (+25°C)
SFDR (–40°C)
SFDR (+85°C)
SNR (+85°C)
SNR (+25°C)
SNR (–40°C)
50
100
150
200
250
300
350
400
450
Figure 20. SNR/SFDR vs. Analog Input Frequency, Interleaved Mode vs.
Temperature
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
20
40
60
80
100
120
250MSPS
10.3MHz @ –1.0dBFS
SNR: 59.4dB
ENOB: 9.7 BITS
SFDR: 84dBc
Figure 21. AD9601-250 64k Point Single-Tone FFT; 250 MSPS, 10.3 MHz
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
20
40
60
80
100
120
250MSPS
70.3MHz @ –1.0dBFS
SNR: 59.4dB
ENOB: 9.7 BITS
SFDR: 81dBc
Figure 22. AD9601-250 64k Point Single-Tone FFT; 250 MSPS, 70.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com