Electronic Components Datasheet Search
  English  ▼

X  

AD9626 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9626
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9626 Datasheet(HTML) 5 Page - Analog Devices

  AD9626 Datasheet HTML 1Page - Analog Devices AD9626 Datasheet HTML 2Page - Analog Devices AD9626 Datasheet HTML 3Page - Analog Devices AD9626 Datasheet HTML 4Page - Analog Devices AD9626 Datasheet HTML 5Page - Analog Devices AD9626 Datasheet HTML 6Page - Analog Devices AD9626 Datasheet HTML 7Page - Analog Devices AD9626 Datasheet HTML 8Page - Analog Devices AD9626 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AD9626
Rev. 0 | Page 4 of 36
AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, , Single Port Output mode, DCS
enabled, unless otherwise noted.1
Table 2.
AD9626-170
AD9626-210
AD9626-250
Parameter2
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SNR
fIN = 10 MHz
25°C
64.5
64.4
64.0
dB
Full
63.6
63.0
dB
fIN = 70 MHz
25°C
64.4
64.2
63.8
dB
Full
63.0
62.3
dB
SINAD
fIN = 10 MHz
25°C
64.5
64.4
64.0
dB
Full
63.5
62.8
dB
fIN = 70 MHz
25°C
64.2
64.0
63.4
dB
Full
62.6
62.0
dB
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
10.6
10.6
10.5
Bits
fIN = 70 MHz
25°C
10.5
10.5
10.5
Bits
WORST HARMONIC (SECOND OR THIRD)
fIN = 10 MHz
25°C
84
86
83
dBc
Full
75
77
73
dBc
fIN = 70 MHz
25°C
79
79
80
dBc
Full
71
73
71
dBc
WORST OTHER (SFDR EXCLUDING
SECOND AND THIRD)
fIN = 10 MHz
25°C
92
90
84
dBc
Full
85
79
76
dBc
fIN = 70 MHz
25°C
92
87
84
dBc
Full
81
77
73
dBc
TWO-TONE IMD
140.2 MHz/141.3 MHz @ −7 dBFS
25°C
80
dBFS
170.2 MHz/171.3 MHz @ −7 dBFS
25°C
83
83
dBc
ANALOG INPUT BANDWIDTH
25°C
700
700
700
MHz
1 All ac specifications tested by driving CLK+ and CLK− differentially.
2 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com