Electronic Components Datasheet Search
  English  ▼

X  

AD9626 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9626
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9626 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9626 Datasheet HTML 3Page - Analog Devices AD9626 Datasheet HTML 4Page - Analog Devices AD9626 Datasheet HTML 5Page - Analog Devices AD9626 Datasheet HTML 6Page - Analog Devices AD9626 Datasheet HTML 7Page - Analog Devices AD9626 Datasheet HTML 8Page - Analog Devices AD9626 Datasheet HTML 9Page - Analog Devices AD9626 Datasheet HTML 10Page - Analog Devices AD9626 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AD9626
Rev. 0 | Page 6 of 36
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, TMIN = −40°C, TMAX = +85°C, fIN = −1.0 dBFS, full scale = 1.25 V, DCS enabled, unless otherwise noted.
Table 4.
AD9626-170
AD9626-210
AD9626-250
Parameter (Conditions)
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Maximum Conversion Rate
Full
170
210
250
MSPS
Minimum Conversion Rate
Full
40
40
40
MSPS
CLK+ Pulse Width High (tCH)
Full
2.65
2.9
2.15
2.4
1.8
2.0
ns
CLK+ Pulse Width Low (tCL)
Full
2.65
2.9
2.15
2.4
1.8
2.0
ns
Output, Single Data Port Mode1
Data Propagation Delay (tPD)
25°C
3.7
3.7
3.7
ns
DCO Propagation Delay (tCPD)
25°C
3.4
3.4
3.4
ns
Data to DCO Skew (tSKEW)
Full
0
0.3
0.55
0
0.3
0.55
0
0.3
0.55
ns
Latency
Full
6
6
6
Cycles
Output, Interleaved Mode2
Data Propagation Delay (tPDA, tPDB)
25°C
3.5
3.5
3.5
ns
DCO Propagation Delay (tCPDA, tCPDB)
25°C
3.0
3.0
3.0
ns
Data to DCO Skew (tSKEWA, tSKEWB )
Full
0
0.5
1.1
0
0.5
1.1
0
0.5
1.1
ns
Latency
Full
6
6
6
Cycles
Standby Recovery
25°C
250
250
250
ns
Power-Down Recovery
50
50
50
μs
Aperture Delay (tA)
25°C
0.1
0.1
0.1
ns
Aperture Uncertainty (Jitter, tJ)
25°C
0.2
0.2
0.2
ps rms
1 See Figure 2.
2 See Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com