Electronic Components Datasheet Search
  English  ▼

X  

AD9626 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9626
Description  1.8 V Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9626 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9626 Datasheet HTML 12Page - Analog Devices AD9626 Datasheet HTML 13Page - Analog Devices AD9626 Datasheet HTML 14Page - Analog Devices AD9626 Datasheet HTML 15Page - Analog Devices AD9626 Datasheet HTML 16Page - Analog Devices AD9626 Datasheet HTML 17Page - Analog Devices AD9626 Datasheet HTML 18Page - Analog Devices AD9626 Datasheet HTML 19Page - Analog Devices AD9626 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
AD9626
Rev. 0 | Page 15 of 36
1.0
–1.0
0
4096
OUTPUT CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
512
1024
1536
2048
2560
3072
3584
Figure 29. AD9626-210 DNL; 210 MSPS
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
20
40
60
80
100
120
250MSPS
10.3MHz @ –1.0dBFS
SNR: 64.0dB
ENOB: 10.5 BITS
SFDR: 83dBc
Figure 30. AD9626-250 64k Point Single-Tone FFT; 250 MSPS, 10.3 MHz
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
20
40
60
80
100
120
250MSPS
70.3MHz @ –1.0dBFS
SNR: 63.8dB
ENOB: 10.6 BITS
SFDR: 80dBc
Figure 31. AD9626-250 64k Point Single-Tone FFT; 250 MSPS, 70.3 MHz
0
–140
0
FREQUENCY (MHz)
–20
–40
–60
–80
–100
–120
20
40
60
80
100
120
250MSPS
170MHz @ –1.0dBFS
SNR: 62.9dB
ENOB: 10.2 BITS
SFDR: 72dBc
Figure 32. AD9626-250 64k Point Single-Tone FFT; 250 MSPS, 170.3 MHz
35k
0
N – 4
BIN
30k
25k
20k
15k
10k
5k
N – 3 N – 2 N – 1
N
N + 1 N + 2 N + 3 N + 4
Figure 33. AD9626-250 Grounded Input Histogram; 250 MSPS
90
50
0
500
ANALOG INPUT FREQUENCY (MHz)
85
80
75
70
65
60
55
50
100
150
200
250
300
350
400
450
SFDR (+85°C)
SFDR (+25°C)
SFDR (–40°C)
SNR (+85°C)
SNR (–40°C)
SNR (+25°C)
Figure 34. AD9626-250 Single-Tone SNR/SFDR vs. Input Frequency (fIN) and
Temperature with 1.25 V p-p Full Scale; 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com