Electronic Components Datasheet Search
  English  ▼

X  

196DLC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 196DLC
Description  Energy Storage Double Layer Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196DLC Datasheet(HTML) 5 Page - Vishay Siliconix

  196DLC Datasheet HTML 1Page - Vishay Siliconix 196DLC Datasheet HTML 2Page - Vishay Siliconix 196DLC Datasheet HTML 3Page - Vishay Siliconix 196DLC Datasheet HTML 4Page - Vishay Siliconix 196DLC Datasheet HTML 5Page - Vishay Siliconix 196DLC Datasheet HTML 6Page - Vishay Siliconix 196DLC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
196 DLC
www.vishay.com
Vishay BCcomponents
Revision: 18-Jul-16
5
Document Number: 28362
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DISCHARGE CHARACTERISTICS
Backup time of 196 DLC series capacitors depends on
minimum memory holding voltage and discharge current
(corresponding with the current consumption of the load).
For minimum backup times of standard and vertical
miniaturized series see Figures 8 and 9 (charging time
 24 h).
Fig. 8 - Typical backup time as a function of discharge current
Fig. 9 - Typical backup time as a function of discharge current
Figure 10 shows the backup time when a 196 DLC capacitor
is discharged by a constant resistance
(charging time
 24 h).
The horizontal axis shows the initial value of discharge
current if 5 V is connected to the capacitor via a fixed series
resistor.
Example:
1 μA
corresponds
to
5 M
 and 0.1 μA
corresponds to 50 M
The vertical axis shows that period of time during which the
voltage drops from 5 V to 2 V.
Fig. 10 - Typical backup time as a function
of initial discharge current
10
MGA695
1
105
104
10
3
10
2
10
Backup
time
(s)
Discharge current (mA)
10
-3
10
-2
10
-1
5
4
3
2
1
Curve 1: 1.0 F, 5.5 V
Curve 2: 0.47 F, 5.5 V
Curve 3: 0.22 F, 5.5 V
Curve 4: 0.1 F, 5.5 V
Curve 5: 0.047 F, 5.5 V
Voltage drop from 5.0 V to 3.5 V
10
1
106
105
10
4
10
3
10
4
Backup
time
(s)
Discharge current (mA)
10
-3
10
-2
10
-1
MGA696
5
4
3
2
1
Curve 1: 1.0 F, 5.5 V
Curve 2: 0.47 F, 5.5 V
Curve 3: 0.22 F, 5.5 V
Curve 4: 0.1 F, 5.5 V
Curve 5: 0.047 F, 5.5 V
Voltage drop:
from 5.0 V to 2.0 V
10
3
10
10
2
103
10
2
10
1
Backup
time
(s)
Initial value discharge current (μA)
10
-2
10
-1
1
MLB203
1
2
3
4
5
Curve 1: 1.0 F, 5.5 V
Curve 2: 0.47 F, 5.5 V
Curve 3: 0.22 F, 5.5 V
Curve 4: 0.1 F, 5.5 V
Curve 5: 0.047 F, 5.5 V
Voltage drop from 5.0 V to 2.0 V
by means of a fixed resistor



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com