Electronic Components Datasheet Search
  English  ▼

X  

196DLC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 196DLC
Description  Energy Storage Double Layer Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196DLC Datasheet(HTML) 1 Page - Vishay Siliconix

  196DLC Datasheet HTML 1Page - Vishay Siliconix 196DLC Datasheet HTML 2Page - Vishay Siliconix 196DLC Datasheet HTML 3Page - Vishay Siliconix 196DLC Datasheet HTML 4Page - Vishay Siliconix 196DLC Datasheet HTML 5Page - Vishay Siliconix 196DLC Datasheet HTML 6Page - Vishay Siliconix 196DLC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
196 DLC
www.vishay.com
Vishay BCcomponents
Revision: 18-Jul-16
1
Document Number: 28362
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Energy Storage Double Layer Capacitors
FEATURES
• Polarized capacitor with high charge density,
alternative product to rechargeable backup
batteries
• Dielectric: electric double layer
• Radial leads, cylindrical case, insulated with a
blue sleeve
• Available in both vertical and low-profile versions
• Unlimited charge and discharge cycle numbers
• No charge-discharge control circuitry and no series
resistor necessary
• Maintenance-free, no periodic replacement or service
necessary
• Ecologically beneficial (no Cd, no Li)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Energy storage, for backup of semiconductor memories
(CMOS) in all fields of electronics
• Telecommunication, audio-video, EDP
• General industrial, clock and timer systems
MARKING
The capacitors are marked with the following information:
• Rated capacitance (in F)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Name of manufacturer
• Negative terminal identification
• Upper category temperature (at 85 °C types only)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
STANDARD
FORM A
HIGH VOLTAGE
FORM A
HIGH
TEMPERATURE
FORM A
VERTICAL,
MINIATURIZED
FORM B
Nominal case sizes (Ø D x L in mm)
13 x 7 and 21 x 7.5
13 x 9 and 21 x 9
13 x 9 and 21 x 9
11.5 x 13 (vertical)
Rated capacitance range, CR
0.047 F to 1.0 F
0.047 F to 0.68 F
0.047 F to 0.68 F
0.047 F to 0.33 F
Tolerance on CR at 20 °C
-20 % to +80 %
Rated voltage, UR
5.5 V
6.3 V
5.5 V
5.5 V
Maximum surge voltage, US
6.3 V
7.0 V
6.3 V
6.3 V
Category temperature range
-25 °C to +70 °C
-25 °C to +70 °C
-25 °C to +85 °C
-25 °C to +70 °C
Useful life at UR:
at 85 °C
-
-
1000 h
-
at 70 °C
1000 h
1000 h
2800 h
1000 h
at 40 °C
8000 h
8000 h
23 000 h
8000 h
at 25 °C
23 000 h
23 000 h
64 000 h
23 000 h
Shelf life at 0 V
1000 h at upper category temperature
Climatic category IEC 60068
25 / 070 / 21
25 / 070 / 21
25 / 085 / 21
25 / 070 / 21


Similar Part No. - 196DLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196DLC VISHAY-196DLC Datasheet
70Kb / 6P
Double Layer Capacitors
17-Oct-03
196DLC VISHAY-196DLC Datasheet
132Kb / 7P
Double Layer Aluminum Capacitors
14-Mar-12
196DLC VISHAY-196DLC Datasheet
112Kb / 7P
Energy Storage Double Layer Capacitors
04-Oct-2021
196DLC VISHAY-196DLC_08 Datasheet
107Kb / 7P
Double Layer Capacitors
15-Apr-08
196DLC VISHAY-196DLC_12 Datasheet
132Kb / 7P
Double Layer Aluminum Capacitors
14-Mar-12
More results

Similar Description - 196DLC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL222090003E3 VISHAY-MAL222090003E3 Datasheet
108Kb / 5P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
18-Jan-16
220EDLCENYCAP VISHAY-220EDLCENYCAP Datasheet
118Kb / 5P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
20-Oct-16
235EDLC-HVR VISHAY-235EDLC-HVR Datasheet
119Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
230EDLC-HV VISHAY-230EDLC-HV Datasheet
121Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
225EDLC-R VISHAY-225EDLC-R Datasheet
119Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
220EDLC VISHAY-220EDLC Datasheet
122Kb / 6P
Electrical Double Layer Energy Storage Capacitors
02-Jul-2021
196DLC VISHAY-196DLC_V01 Datasheet
112Kb / 7P
Energy Storage Double Layer Capacitors
04-Oct-2021
220EDLC VISHAY-220EDLC_V01 Datasheet
105Kb / 6P
Electrical Double Layer Energy Storage Capacitors Power and Energy Versions
06-Apr-2022
225EDLC-R VISHAY-225EDLC-R_V01 Datasheet
109Kb / 6P
Ruggedized Electrical Double Layer Energy Storage Capacitors
06-Apr-2022
230EDLC VISHAY-230EDLC Datasheet
104Kb / 6P
Electrical Double Layer Energy Storage Capacitors Up to 3 V Operating Voltage
10-Aug-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com