Electronic Components Datasheet Search
  English  ▼

X  

196DLC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 196DLC
Description  Energy Storage Double Layer Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196DLC Datasheet(HTML) 4 Page - Vishay Siliconix

  196DLC Datasheet HTML 1Page - Vishay Siliconix 196DLC Datasheet HTML 2Page - Vishay Siliconix 196DLC Datasheet HTML 3Page - Vishay Siliconix 196DLC Datasheet HTML 4Page - Vishay Siliconix 196DLC Datasheet HTML 5Page - Vishay Siliconix 196DLC Datasheet HTML 6Page - Vishay Siliconix 196DLC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
196 DLC
www.vishay.com
Vishay BCcomponents
Revision: 18-Jul-16
4
Document Number: 28362
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MEASURING OF CHARACTERISTICS
CAPACITANCE (C)
Capacitance shall be measured by constant current
discharge method.
Fig. 3 - Voltage diagram for capacitance measurement
Capacitance value CR is given by discharge current ID, time
T and rated voltage UR, according to the following equation:
Fig. 4 - Test circuit for capacitance measurement
INTERNAL RESISTANCE (RI) AT 1 kHz
Fig. 5 - Test circuit for RI measurement
LEAKAGE CURRENT (IL)
Leakage current shall be measured after 30 min application
of rated voltage UR:
Fig. 6 - Test circuit for leakage current
Fig. 7 - Typical leakage current as a function of time
DISCHARGE CURRENT AS A FUNCTION OF
RATED CAPACITANCE
PARAMETER
VALUE
UNIT
Rated
capacitance, CR
0.047 0.1 0.22 0.33 0.47 0.68 1.0
F
Discharge
current, ID
0.1
1.0
mA
30 min
T (s)
Time
0
2.0
U
R
U
(V)
CF

I
D mA
 x 10-3 x T s

U
R V
 - 2
---------------------------------------------------------
=
A
V
C
Constant
current
discharger
+
R
I

V
C V

10
-3
----------------
=
V
A
1 mA
C
1 kHz
+
I
L A

VV

10
-4
------------
=
V
R
S
100
Ω
C
+
+
1
10
2
10
Time (h)
2
4
5
1
1
10
20
30
40
50
I
L
(µA)
Curve 1: 1.0 F, 5.5 V
Curve 2: 0.47 F, 5.5 V
Curve 3: 0.22 F, 5.5 V
Curve 4: 0.1 F, 5.5 V
Curve 5: 0.047 F, 5.5 V
R
S = 100 Ω
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com