Electronic Components Datasheet Search
  English  ▼

X  

196DLC Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 196DLC
Description  Energy Storage Double Layer Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

196DLC Datasheet(HTML) 6 Page - Vishay Siliconix

  196DLC Datasheet HTML 1Page - Vishay Siliconix 196DLC Datasheet HTML 2Page - Vishay Siliconix 196DLC Datasheet HTML 3Page - Vishay Siliconix 196DLC Datasheet HTML 4Page - Vishay Siliconix 196DLC Datasheet HTML 5Page - Vishay Siliconix 196DLC Datasheet HTML 6Page - Vishay Siliconix 196DLC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
196 DLC
www.vishay.com
Vishay BCcomponents
Revision: 18-Jul-16
6
Document Number: 28362
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 2
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
TEST PROCEDURES AND REQUIREMENTS for standard and vertical miniaturized series (5.5 V; 70 °C)
NAME OF TEST
IEC 60384-4 /
EN130300
SUBCLAUSE
PROCEDURE
(quick reference)
REQUIREMENTS
Robustness of
terminations
4.4
Tensile strength; application of loading force for 10 s:
No breaks
20 N (standard series)
5 N (vertical miniaturized series)
Resistance to
soldering heat
4.5
Solder bath; 260 °C; 5 s
C/C: ± 10 %
RI and IL  spec. limit
Solderability
4.6
Solder bath; 235 °C; 2 s
 75 % tinning
Vibration
4.8
10 Hz to 55 Hz; 1.5 mm; 3 directions;
2 h per direction
C/C: ± 10 %
RI and IL  spec. limit
Damp heat,
steady state
4.12
500 h at 55 °C; RH 90 % to 95 %;
no voltage applied
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Endurance
4.13
Tamb = 70 °C; 5.5 V applied;
1000 h
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Useful life
-
Tamb = 70 °C; 5.5 V applied;
1000 h
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Storage at upper
category temperature
4.17
Tamb = 70 °C;
no voltage applied;
1000 h
C/C: ± 30 %
RI  4 x spec. limit
IL  2 x spec. limit
Self discharge
-
24 h storage at room temperature after application
of 5 V for 1 h
Remaining voltage:
 4 V
Characteristics at high
and low temperature
4.19
Step 1: reference measurement
at +20 °C of C, RI and IL
Step 2: measurement at -25 °C
Step 3: measurement at +20 °C
Step 4: measurement at +70 °C
Step 5: measurement at +20 °C
C/C: ± 30 % of +20 °C value
RI  5 x the +20 °C value
IL  4 x the +20 °C value



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com