Electronic Components Datasheet Search
  English  ▼

X  

136RVI Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 136RVI
Description  Aluminum Electrolytic Capacitors Radial Very Low Impedance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136RVI Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 136RVI Datasheet HTML 3Page - Vishay Siliconix 136RVI Datasheet HTML 4Page - Vishay Siliconix 136RVI Datasheet HTML 5Page - Vishay Siliconix 136RVI Datasheet HTML 6Page - Vishay Siliconix 136RVI Datasheet HTML 7Page - Vishay Siliconix 136RVI Datasheet HTML 8Page - Vishay Siliconix 136RVI Datasheet HTML 9Page - Vishay Siliconix 136RVI Datasheet HTML 10Page - Vishay Siliconix 136RVI Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
136 RVI
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
9
Document Number: 28321
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Typical impedance as a function of frequency
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Note
• Multiplier of useful life code: CCC206
ENDURANCE TEST DURATION AND USEFUL LIFE
NOMINAL CASE SIZE
Ø D x L
(mm)
CASE CODE
ENDURANCE TEST
AT 105 °C
(h)
USEFUL LIFE
AT 105 °C
(h)
10 x 12
14
3000
4000
10 x 16
15
3000
6000
10 x 20
16
3000
6000
10 x 25
16L
5000
7000
10 x 30
16LL
5000
7000
12.5 x 16
17a
3000
5000
12.5 x 20
17
3000
7000
12.5 x 25
18
5000
8000
12.5 x 31
18L
5000
8000
16 x 20
19a
3000
7000
16 x 25
19
5000
10 000
16 x 31
20
5000
10 000
16 x 35
21
5000
10 000
18 x 20
1820
3000
7000
18 x 25
1825
5000
10 000
18 x 31
1831
5000
10 000
18 x 35
22
5000
10 000
Tamb = 20 °C
UR = 63 V
Curve 1: 47 µF, 63 V; Ø 10 x 12 mm
Curve 2: 68 µF, 63 V; Ø 10 x 16 mm
Curve 3: 100 µF, 63 V; Ø 10 x 20 mm
Curve 4: 220 µF, 63 V; Ø 12.5 x 20 mm
Curve 5: 270 µF, 63 V; Ø 12.5 x 25 mm
Curve 6: 470 µF, 63 V; Ø 16 x 25 mm
Curve 7: 680 µF, 63 V; Ø 16 x 31 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com