Electronic Components Datasheet Search
  English  ▼

X  

136RVI Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 136RVI
Description  Aluminum Electrolytic Capacitors Radial Very Low Impedance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136RVI Datasheet(HTML) 1 Page - Vishay Siliconix

  136RVI Datasheet HTML 1Page - Vishay Siliconix 136RVI Datasheet HTML 2Page - Vishay Siliconix 136RVI Datasheet HTML 3Page - Vishay Siliconix 136RVI Datasheet HTML 4Page - Vishay Siliconix 136RVI Datasheet HTML 5Page - Vishay Siliconix 136RVI Datasheet HTML 6Page - Vishay Siliconix 136RVI Datasheet HTML 7Page - Vishay Siliconix 136RVI Datasheet HTML 8Page - Vishay Siliconix 136RVI Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
136 RVI
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
1
Document Number: 28321
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Aluminum Electrolytic Capacitors
Radial Very Low Impedance
Fig. 1
FEATURES
• Very low impedance and low ESR
• Very long useful life:
4000 h to 10 000 h at 105 °C, very high reliability
• Excellent ripple current capability
• Polarized aluminum electrolytic capacitors, non-solid
electrolyte
• Radial leads, cylindrical aluminum case with pressure
relief, insulated with a blue sleeve
• Charge and discharge proof
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Power supplies (SMPS, DC/DC converters) for general
industrial, EDP, audio-video, and telecommunications
• Smoothing, filtering, buffering
MARKING
The capacitors are marked (where possible) with the
following information:
• Rated capacitance value (in μF)
• Tolerance on rated capacitance, code letter in accordance
with IEC 60062 (M for ± 20 %)
• Rated voltage (in V)
• Date code, in accordance with IEC 60062
• Code indicating factory of origin
• Name of manufacturer
• Upper category temperature (105 °C)
• Negative terminal identification
• Series number (136)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Nominal case sizes (Ø D x L in mm)
10 x 12 to 18 x 35
Rated capacitance range, CR
22 μF to 10 000 μF
Tolerance on CR
± 20 %
Rated voltage range, CR
10 V to 100 V
Category temperature range
-55 °C to +105 °C
Endurance test at 105 °C
3000 h to 5000 h
(dependent on case size)
Useful life at 105 °C
4000 h to 10 000 h
(dependent on case size)
Useful life at 40 °C,
1.8 x IR applied
200 000 h to 500 000 h
(dependent on case size)
Shelf life at 0 V, 105 °C
1000 h
Based on sectional specification
IEC 60384-4 / EN130300
Climatic category IEC 60068
55 / 105 / 56
150 RMI
148 RUS
136 RVI
048 RML
140 RTM
125 C
miniaturized
higher
temperature
higher
CV/volume
miniaturized


Similar Part No. - 136RVI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
Aluminum electrolytic capacitors Radial, Very Low Impedance
136RVI VISHAY-136RVI Datasheet
148Kb / 11P
Aluminum Capacitors Radial Very Low Impedance
20-Jul-12
136RVI VISHAY-136RVI Datasheet
148Kb / 11P
Aluminum Electrolytic Capacitors Radial Very Low Impedance
16-Mar-2021
136RVI VISHAY-136RVI_07 Datasheet
152Kb / 11P
Aluminum Capacitors Radial Very Low Impedance
21-Dec-07
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
Aluminum Capacitors Radial Very Low Impedance
20-Jul-12
More results

Similar Description - 136RVI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
Aluminum electrolytic capacitors Radial, Very Low Impedance
136RVI VISHAY-136RVI_07 Datasheet
152Kb / 11P
Aluminum Capacitors Radial Very Low Impedance
21-Dec-07
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
Aluminum Capacitors Radial Very Low Impedance
20-Jul-12
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
06-Oct-16
190RTL VISHAY-190RTL Datasheet
128Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
24-Apr-2020
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
27-Mar-2020
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
Aluminum Electrolytic Capacitors Radial Very Low Impedance
16-Mar-2021
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
06-Oct-16
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
27-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com