Electronic Components Datasheet Search
  English  ▼

X  

136RVI Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 136RVI
Description  Aluminum Electrolytic Capacitors Radial Very Low Impedance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136RVI Datasheet(HTML) 3 Page - Vishay Siliconix

  136RVI Datasheet HTML 1Page - Vishay Siliconix 136RVI Datasheet HTML 2Page - Vishay Siliconix 136RVI Datasheet HTML 3Page - Vishay Siliconix 136RVI Datasheet HTML 4Page - Vishay Siliconix 136RVI Datasheet HTML 5Page - Vishay Siliconix 136RVI Datasheet HTML 6Page - Vishay Siliconix 136RVI Datasheet HTML 7Page - Vishay Siliconix 136RVI Datasheet HTML 8Page - Vishay Siliconix 136RVI Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
136 RVI
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
3
Document Number: 28321
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters AND AVAILABLE FORMS
Fig. 2 - Form CA: Long leads
Fig. 3 - Form CB: Cut leads
Fig. 4 - Form TFA: Taped in box (ammopack)
Table 1
Note
• For detailed tape dimensions refer to packaging information: www.vishay.com/doc?28360
L
F
15
min.
5
min.
Ø d
Ø D
F
5 ± 1
Ø d
Ø D
L
DIMENSIONS in millimeters, MASS AND PACKAGING QUANTITIES
NOMINAL
CASE SIZE
Ø D x L
CASE
CODE
Ø d
Ø Dmax.
Lmax.
F
MASS
(g)
PACKAGING QUANTITIES
FORM
CA
FORM
CB
FORM
TFA
10 x 12
14
0.6
10.5
13.5
5.0 ± 0.5
 1.6
1000
500
800
10 x 16
15
0.6
10.5
17.5
5.0 ± 0.5
 1.9
500
500
800
10 x 20
16
0.6
10.5
22.0
5.0 ± 0.5
 2.2
500
500
800
10 x 25
16L
0.6
10.5
27.0
5.0 ± 0.5
3.0
1000
1500
800
10 x 30
16LL
0.6
10.5
32.0
5.0 ± 0.5
 3.5
1000
750
-
12.5 x 16
17a
0.6
13.0
17.5
5.0 ± 0.5
 2.7
1000
1500
500
12.5 x 20
17
0.6
13.0
22.0
5.0 ± 0.5
 4.0
500
500
500
12.5 x 25
18
0.6
13.0
27.0
5.0 ± 0.5
 5.0
250
250
500
12.5 x 31
18L
0.6
13.0
33.5
5.0 ± 0.5
 5.5
1000
750
-
16 x 20
19a
0.8
16.5
22.0
7.5 ± 0.5
 6.0
250
250
250
16 x 25
19
0.8
16.5
27.0
7.5 ± 0.5
 8.0
250
250
250
16 x 31
20
0.8
16.5
33.5
7.5 ± 0.5
 9.0
100
100
250
16 x 35
21
0.8
16.5
37.5
7.5 ± 0.5
 11.0
100
100
-
18 x 20
1820
0.8
18.5
22.0
7.5 ± 0.5
 8.0
100
100
-
18 x 25
1825
0.8
18.5
27.0
7.5 ± 0.5
 10.0
100
100
-
18 x 31
1831
0.8
18.5
33.5
7.5 ± 0.5
 12.5
100
100
-
18 x 35
22
0.8
18.5
37.5
7.5 ± 0.5
 14.5
100
100
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com