Electronic Components Datasheet Search
  English  ▼

X  

136RVI Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 136RVI
Description  Aluminum Electrolytic Capacitors Radial Very Low Impedance
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

136RVI Datasheet(HTML) 2 Page - Vishay Siliconix

  136RVI Datasheet HTML 1Page - Vishay Siliconix 136RVI Datasheet HTML 2Page - Vishay Siliconix 136RVI Datasheet HTML 3Page - Vishay Siliconix 136RVI Datasheet HTML 4Page - Vishay Siliconix 136RVI Datasheet HTML 5Page - Vishay Siliconix 136RVI Datasheet HTML 6Page - Vishay Siliconix 136RVI Datasheet HTML 7Page - Vishay Siliconix 136RVI Datasheet HTML 8Page - Vishay Siliconix 136RVI Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
136 RVI
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
2
Document Number: 28321
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SELECTION CHART FOR CR, UR, AND RELEVANT NOMINAL CASE SIZES (Ø D x L in mm)
CR
(μF)
UR (V)
10
16
25
35
50
63
100
22
-
-
-
-
-
-
10 x 12
33
-
-
-
-
-
-
10 x 12
47
-
-
-
-
-
10 x 12
10 x 16
56
-
-
-
-
-
10 x 12
-
68
-
-
-
-
-
10 x 16
10 x 20
82
-
-
-
-
10 x 12
-
-
100
-
-
-
-
10 x 12
10 x 16
12.5 x 20
120
-
-
-
10 x 12
10 x 16
10 x 20
-
-
-
-
-
-
12.5 x 16
-
150
-
-
-
10 x 12
10 x 20
10 x 25
16 x 20
180
-
-
10 x 12
-
10 x 20
10 x 30
-
-
-
-
-
12.5 x 16
-
-
220
-
-
10 x 12
10 x 16
10 x 25
12.5 x 20
16 x 25
270
-
10 x 12
-
-
-
12.5 x 25
-
330
-
10 x 12
10 x 16
10 x 20
10 x 30
16 x 20
16 x 31
-
-
-
12.5 x 16
12.5 x 20
-
-
390
10 x 12
-
-
10 x 25
-
12.5 x 31
-
470
10 x 12
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 35
-
-
12.5 x 16
-
-
-
18 x 31
560
-
-
10 x 25
10 x 30
12.5 x 31
-
-
-
-
-
12.5 x 20
-
-
-
680
10 x 16
10 x 20
-
12.5 x 25
16 x 20
16 x 31
18 x 35
-
12.5 x 16
-
-
-
18 x 25
-
820
-
10 x 25
10 x 30
-
16 x 25
16 x 35
-
--
12.5 x 20
--
--
1000
10 x 20
12.5 x 20
12.5 x 25
12.5 x 31
16 x 31
18 x 31
-
12.5 x 16
-
-
16 x 20
18 x 20
-
-
1200
10 x 25
10 x 30
-
16 x 25
16 x 35
-
-
-
12.5 x 20
-
-
-
-
-
1500
10 x 30
12.5 x 25
12.5 x 31
16 x 25
18 x 31
18 x 35
-
12.5 x 20
-
16 x 20
-
-
-
-
1800
12.5 x 20
-
16 x 25
16 x 31
-
-
-
2200
12.5 x 25
12.5 x 31
16 x 31
16 x 35
18 x 35
-
-
-
16 x 20
18 x 20
18 x 31
-
-
-
2700
12.5 x 31
16 x 25
16 x 31
-
-
-
-
3300
16 x 20
16 x 25
16 x 35
18 x 35
-
-
-
--
18 x 31
--
--
3900
16 x 25
16 x 31
-
-
-
-
-
4700
16 x 31
16 x 35
18 x 35
-
-
-
-
-
18 x 31
---
--
5600
16 x 31
-
---
--
18 x 25
-
---
--
6800
16 x 35
18 x 35
-
-
-
-
-
18 x 31
-
---
--
10 000
18 x 35
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com