Electronic Components Datasheet Search
  English  ▼

X  

AD9228 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9228
Description  Serial LVDS 1.8 V A/D Converter
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9228 Datasheet(HTML) 4 Page - Analog Devices

  AD9228 Datasheet HTML 1Page - Analog Devices AD9228 Datasheet HTML 2Page - Analog Devices AD9228 Datasheet HTML 3Page - Analog Devices AD9228 Datasheet HTML 4Page - Analog Devices AD9228 Datasheet HTML 5Page - Analog Devices AD9228 Datasheet HTML 6Page - Analog Devices AD9228 Datasheet HTML 7Page - Analog Devices AD9228 Datasheet HTML 8Page - Analog Devices AD9228 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
Data Sheet
AD9228
Rev. E | Page 3 of 56
REVISION HISTORY
12/11—Rev. D to Rev. E
Changes to Output Signals Section and Figure 71......................37
Change to Default Operation and Jumper Selection Settings
Section ..............................................................................................38
Change to Figure 74 ........................................................................41
Added Endnote 3 in Ordering Guide ...........................................53
4/10—Rev. C to Rev. D
Changes to Table 16 ........................................................................35
Updated Outline Dimensions........................................................53
Changes to Ordering Guide...........................................................53
12/09—Rev. B to Rev. C
Updated Outline Dimensions........................................................53
Changes to Ordering Guide...........................................................54
7/07—Rev. A to Rev. B
Changes to Figure 3...........................................................................7
Change to Table 7 ............................................................................10
5/07—Rev. 0 to Rev. A
Changes to Features ..........................................................................1
Change to Effective Number of Bits (ENOB)................................4
Changes to Logic Output (SDIO/ODM) Section..........................5
Added Endnote 3 to Table 3.............................................................5
Changes to Pipeline Latency............................................................6
Added Endnote 2 to Table 4.............................................................6
Changes to Figure 2 to Figure 4.......................................................7
Changes to Figure 10 ......................................................................12
Changes to Figure 15, Figure 17 to Figure 19, Figure 37, and
Figure 39 ......................................................................................14
Changes to Figure 23 to Figure 26 Captions ...............................15
Change to Figure 35 Caption.........................................................17
Added Figure 46 and Figure 47 .....................................................20
Changes to Figure 51 ......................................................................21
Changes to Clock Duty Cycle Considerations Section ..............22
Changes to Power Dissipation and Power-Down Mode Section ...23
Changes to Figure 61 to Figure 63 Captions ...............................25
Changes to Table 9 Endnote ..........................................................26
Changes to Digital Outputs and Timing Section........................27
Added Table 10 ................................................................................27
Changes to RBIAS Pin Section......................................................28
Deleted Figure 62 and Figure 63 ...................................................27
Changes to Figure 67 ......................................................................29
Changes to Hardware Interface Section.......................................30
Added Figure 68 ..............................................................................31
Changes to Table 15 ........................................................................31
Changes to Reading the Memory Map Table Section ................32
Change to Input Signals Section ...................................................36
Changes to Output Signals Section...............................................36
Changes to Figure 71 ......................................................................36
Changes to Default Operation and
Jumper Selection Settings Section ...........................................37
Changes to Alternative Analog Input
Drive Configuration Section ....................................................38
Changes to Figure 74 ......................................................................40
Changes to Table 17 ........................................................................48
Changes to Ordering Guide...........................................................52
4/06—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com