Electronic Components Datasheet Search
  English  ▼

X  

AD9228 Datasheet(PDF) 52 Page - Analog Devices

Part # AD9228
Description  Serial LVDS 1.8 V A/D Converter
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9228 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9228 Datasheet HTML 48Page - Analog Devices AD9228 Datasheet HTML 49Page - Analog Devices AD9228 Datasheet HTML 50Page - Analog Devices AD9228 Datasheet HTML 51Page - Analog Devices AD9228 Datasheet HTML 52Page - Analog Devices AD9228 Datasheet HTML 53Page - Analog Devices AD9228 Datasheet HTML 54Page - Analog Devices AD9228 Datasheet HTML 55Page - Analog Devices AD9228 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Data Sheet
AD9228
Rev. E | Page 51 of 56
Item
Qty.
Reference Designator
Device
Package
Value
Manufacturer
Manufacturer’s
Part Number
35
15
R109, R111, R112,
R123, R125, R126,
R135, R138, R139,
R148, R149, R150,
R431, R432, R433
Resistor
402
1 kΩ, 1/16 W,
1% tol
NIC
Components
NRC04F1001TRF
36
8
R108, R110, R121,
R122, R134, R136,
R146, R147
Resistor
402
33 Ω, 1/16 W, 5%
tol
NIC
Components
NRC04J330TRF
37
4
R161, R162, R163,
R164
Resistor
402
499 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F4990TRF
38
3
R202, R203, R204
Resistor
402
100 kΩ, 1/16 W,
1% tol
NIC
Components
NRC04F1003TRF
39
1
R222
Resistor
402
4.12 kΩ, 1/16 W,
1% tol
NIC
Components
NRC04F4121TRF
40
1
R213
Resistor
402
49.9 Ω, 1/16 W,
0.5% tol
Susumu
RR0510R-49R9-D
41
1
R229
Resistor
402
4.99 kΩ, 1/16 W,
5% tol
NIC
Components
NRC04F4991TRF
42
2
R230, R319
Potentiometer
3-lead
10 kΩ, cermet
trimmer
potentiometer,
18-turn top adjust,
10%, 1/2 W
BC
Components
CT94EW103
43
1
R228
Resistor
402
470 kΩ, 1/16 W,
5% tol
NIC
Components
NRC04J474TRF
44
1
R320
Resistor
402
39 kΩ, 1/16 W,
5% tol
NIC
Components
NRC04J393TRF
45
8
R307, R308, R309,
R310, R407, R408,
R409, R410
Resistor
402
187 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F1870TRF
46
4
R305, R306, R405,
R406
Resistor
402
374 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F3740TRF
47
4
R316, R317, R415,
R416
Resistor
402
274 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F2740TRF
48
11
R245, R247, R249,
R251, R253, R255,
R257, R259, R261,
R263, R265
Resistor
201
0 Ω, 1/20 W, 5% tol
Panasonic
ERJ-1GE0R00C
49
1
R418
Resistor
402
4.75 kΩ, 1/16 W,
1% tol
NIC
Components
NRC04J472TRF
50
1
R419
Resistor
402
261 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F2610TRF
51
1
R501
Resistor
603
261 Ω, 1/16 W,
1% tol
NIC
Components
NRC06F2610TRF
52
2
R240, R241
Resistor
402
243 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F2430TRF
53
2
R242, R243
Resistor
402
100 Ω, 1/16 W,
1% tol
NIC
Components
NRC04F1000TRF
54
1
S401
Switch
SMD
Light touch,
100GE, 5 mm
Panasonic
EVQ-PLDA15
55
5
T101, T102, T103, T104,
T201
Transformer
CD542
ADT1-1WT, 1:1
impedance ratio
transformer
Mini-Circuits
ADT1-1WT+
56
2
U501, U503
IC
SOT-223
ADP33339AKC-1.8,
1.5 A, 1.8 V LDO
regulator
Analog Devices
ADP33339AKCZ-1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com