Electronic Components Datasheet Search
  English  ▼

X  

AD9228 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9228
Description  Serial LVDS 1.8 V A/D Converter
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9228 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9228 Datasheet HTML 15Page - Analog Devices AD9228 Datasheet HTML 16Page - Analog Devices AD9228 Datasheet HTML 17Page - Analog Devices AD9228 Datasheet HTML 18Page - Analog Devices AD9228 Datasheet HTML 19Page - Analog Devices AD9228 Datasheet HTML 20Page - Analog Devices AD9228 Datasheet HTML 21Page - Analog Devices AD9228 Datasheet HTML 22Page - Analog Devices AD9228 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
AD9228
Data Sheet
Rev. E | Page 18 of 56
0
–40
–60
–80
–100
–20
–120
0
5
10
15
20
25
30
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 78.15dBc
IMD2 = 77.84dBc
IMD3 = 88.94dBc
Figure 33. Two-Tone 32k FFT with fIN1 = 15 MHz and fIN2 = 16 MHz,
fSAMPLE = 65 MSPS
0
–40
–60
–80
–100
–20
–120
0
5
10
15
20
25
30
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 76.75dBc
IMD2 = 77.56dBc
IMD3 = 77.01dBc
Figure 34. Two-Tone 32k FFT with fIN1 = 70 MHz and fIN2 = 71 MHz,
fSAMPLE = 65 MSPS
50
55
60
65
70
75
80
85
90
1
10
100
1000
FREQUENCY (MHz)
2V p-p, SFDR
2V p-p, SNR
Figure 35. SNR/SFDR vs. Frequency, fSAMPLE = 65 MSPS
TEMPERATURE (°C)
–40
–20
80
60
40
20
0
60
65
70
75
80
85
90
2V p-p, SINAD
2V p-p, SFDR
Figure 36. SINAD/SFDR vs. Temperature, fIN = 10.3 MHz, fSAMPLE = 65 MSPS
1.0
–1.0
0
4000
3500
3000
2500
2000
1500
1000
500
CODE
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
Figure 37. INL, fIN = 2.4 MHz, fSAMPLE = 65 MSPS
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
CODE
0
500
1000
1500
2000
2500
3000
3500
4000
Figure 38. DNL, fIN = 2.4 MHz, fSAMPLE = 65 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com