Electronic Components Datasheet Search
  English  ▼

X  

AD9228 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9228
Description  Serial LVDS 1.8 V A/D Converter
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9228 Datasheet(HTML) 1 Page - Analog Devices

  AD9228 Datasheet HTML 1Page - Analog Devices AD9228 Datasheet HTML 2Page - Analog Devices AD9228 Datasheet HTML 3Page - Analog Devices AD9228 Datasheet HTML 4Page - Analog Devices AD9228 Datasheet HTML 5Page - Analog Devices AD9228 Datasheet HTML 6Page - Analog Devices AD9228 Datasheet HTML 7Page - Analog Devices AD9228 Datasheet HTML 8Page - Analog Devices AD9228 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
Quad, 12-Bit, 40/65 MSPS
Serial LVDS 1.8 V A/D Converter
Data Sheet
AD9228
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2011 Analog Devices, Inc. All rights reserved.
FEATURES
4 ADCs integrated into 1 package
119 mW ADC power per channel at 65 MSPS
SNR = 70 dB (to Nyquist)
ENOB = 11.3 bits
SFDR = 82 dBc (to Nyquist)
Excellent linearity
DNL = ±0.3 LSB (typical)
INL = ±0.4 LSB (typical)
Serial LVDS (ANSI-644, default)
Low power, reduced signal option (similar to IEEE 1596.3)
Data and frame clock outputs
315 MHz full-power analog bandwidth
2 V p-p input voltage range
1.8 V supply operation
Serial port control
Full-chip and individual-channel power-down modes
Flexible bit orientation
Built-in and custom digital test pattern generation
Programmable clock and data alignment
Programmable output resolution
Standby mode
APPLICATIONS
Medical imaging and nondestructive ultrasound
Portable ultrasound and digital beam-forming systems
Quadrature radio receivers
Diversity radio receivers
Tape drives
Optical networking
Test equipment
GENERAL DESCRIPTION
The AD9228 is a quad, 12-bit, 40/65 MSPS analog-to-digital con-
verter (ADC) with an on-chip sample-and-hold circuit designed
for low cost, low power, small size, and ease of use. The product
operates at a conversion rate of up to 65 MSPS and is optimized for
outstanding dynamic performance and low power in applications
where a small package size is critical.
The ADC requires a single 1.8 V power supply and LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. No external reference or driver components are
required for many applications.
The ADC automatically multiplies the sample rate clock for the
appropriate LVDS serial data rate. A data clock output (DCO) for
FUNCTIONAL BLOCK DIAGRAM
SERIAL
LVDS
REF
SELECT
+
–
AD9228
AGND
VIN – A
VIN + A
VIN – B
VIN + B
VIN – D
VIN + D
VIN – C
VIN + C
SENSE
VREF
AVDD
DRVDD
12
12
12
12
PDWN
REFT
REFB
D – A
D + A
D – B
D + B
D – D
D + D
D – C
D + C
FCO–
FCO+
DCO+
DCO–
CLK+
DRGND
CLK–
SERIAL PORT
INTERFACE
CSB
SCLK/DTP
SDIO/ODM
RBIAS
SERIAL
LVDS
SERIAL
LVDS
SERIAL
LVDS
PIPELINE
ADC
PIPELINE
ADC
PIPELINE
ADC
PIPELINE
ADC
DATA RATE
MULTIPLIER
0.5V
Figure 1.
capturing data on the output and a frame clock output (FCO)
for signaling a new output byte are provided. Individual-
channel power-down is supported and typically consumes less
than 2 mW when all channels are disabled.
The ADC contains several features designed to maximize
flexibility and minimize system cost, such as programmable
clock and data alignment and programmable digital test pattern
generation. The available digital test patterns include built-in
deterministic and pseudorandom patterns, along with custom user-
defined test patterns entered via the serial port interface (SPI).
The AD9228 is available in an RoHS compliant, 48-lead LFCSP. It is
specified over the industrial temperature range of −40°C to +85°C.
PRODUCT HIGHLIGHTS
1.
Small Footprint. Four ADCs are contained in a small, space-
saving package.
2.
Low power of 119 mW/channel at 65 MSPS.
3.
Ease of Use. A data clock output (DCO) is provided that
operates at frequencies of up to 390 MHz and supports
double data rate (DDR) operation.
4.
User Flexibility. The SPI control offers a wide range of flexible
features to meet specific system requirements.
5.
Pin-Compatible Family. This includes the AD9287 (8-bit),
AD9219 (10-bit), and AD9259 (14-bit).


Similar Part No. - AD9228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9228 AD-AD9228 Datasheet
1Mb / 52P
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228 Datasheet
1Mb / 52P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228-65EB AD-AD9228-65EB Datasheet
1Mb / 52P
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228-65EB AD-AD9228-65EB Datasheet
1Mb / 52P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228-65EB1 AD-AD9228-65EB1 Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

Similar Description - AD9228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 52P
Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
6/06-Revision 0
AD9222 AD-AD9222 Datasheet
2Mb / 56P
Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
9/06-Revision 0
AD9287 AD-AD9287 Datasheet
1Mb / 52P
Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
7/06-Revision 0
AD9252 AD-AD9252 Datasheet
2Mb / 52P
Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
10/06-Revision 0
AD9228 AD-AD9228 Datasheet
1Mb / 52P
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9253 AD-AD9253_17 Datasheet
1Mb / 41P
Serial LVDS 1.8 V Analog-to-Digital Converter
Rev. B
AD9229 AD-AD9229_17 Datasheet
785Kb / 41P
Serial, LVDS, 3 V A/D Converter
Rev. B
AD9289 AD-AD9289_17 Datasheet
917Kb / 33P
Serial LVDS 3 V A/D Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com