Electronic Components Datasheet Search
  English  ▼

X  

AD9446 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9446
Description  16-Bit, 80/100 MSPS ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9446 Datasheet HTML 14Page - Analog Devices AD9446 Datasheet HTML 15Page - Analog Devices AD9446 Datasheet HTML 16Page - Analog Devices AD9446 Datasheet HTML 17Page - Analog Devices AD9446 Datasheet HTML 18Page - Analog Devices AD9446 Datasheet HTML 19Page - Analog Devices AD9446 Datasheet HTML 20Page - Analog Devices AD9446 Datasheet HTML 21Page - Analog Devices AD9446 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
AD9446
Rev. 0 | Page 17 of 36
0
–130
0
FREQUENCY (MHz)
80MSPS
10.3MHz @ –1.0dBFS
SNR = 81.8dB
ENOB = 13.2BITS
SFDR = 90dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
12.5
25.0
37.5
Figure 18. AD9446-80 64k Point Single-Tone FFT/80 MSPS/10.3 MHz
0
–130
0
FREQUENCY (MHz)
80MSPS
30.3MHz @ –1.0dBFS
SNR = 81.6dB
ENOB = 13.2BITS
SFDR = 89dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
12.5
25.0
37.5
Figure 19. AD9446-80 64k Point Single-Tone FFT/80 MSPS/30.3 MHz
0
–130
0
FREQUENCY (MHz)
80MSPS
70.3MHz @ –1.0dBFS
SNR = 80.6dB
ENOB = 12.9BITS
SFDR = 85dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
12.5
25.0
37.5
Figure 20. AD9446-80 64k Point Single-Tone FFT/80 MSPS/70.3 MHz
0
–130
0
FREQUENCY (MHz)
80MSPS
100.3MHz @ –1.0dBFS
SNR = 79.5dB
ENOB = 12.7BITS
SFDR = 92dBc
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
12.5
25.0
37.5
Figure 21. AD9446-80 64k Point Single-Tone FFT/80 MSPS/100.3 MHz
0.6
–0.6
0
OUTPUT CODE
0
65536
8192
16384
24576
32768
40960
49152
57344
0.4
0.2
0
–0.2
–0.4
Figure 22. AD9446-80 DNL Error vs. Output Code, 80 MSPS, 10.3 MHz
4
–4
0
OUTPUT CODE
0
65536
8192
16384
24576
32768
40960
49152
57344
3
2
1
0
–1
–2
–3
Figure 23. AD9446-80 INL Error vs. Output Code, 80 MSPS, 10.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com