Electronic Components Datasheet Search
  English  ▼

X  

AD9446 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9446
Description  16-Bit, 80/100 MSPS ADC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9446 Datasheet HTML 16Page - Analog Devices AD9446 Datasheet HTML 17Page - Analog Devices AD9446 Datasheet HTML 18Page - Analog Devices AD9446 Datasheet HTML 19Page - Analog Devices AD9446 Datasheet HTML 20Page - Analog Devices AD9446 Datasheet HTML 21Page - Analog Devices AD9446 Datasheet HTML 22Page - Analog Devices AD9446 Datasheet HTML 23Page - Analog Devices AD9446 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
AD9446
Rev. 0 | Page 19 of 36
95
60
0
180
ANALOG INPUT FREQUENCY (MHz)
20
40
60
80
100
120
140
160
90
85
80
75
70
65
SFDR (dBc) +85°C
SFDR (dBc) –40°C
SNR (dB) +25°C
SNR (dB) +85°C
SNR (dB) –40°C
SFDR (dBc) +25°C
Figure 30. AD9446-80 SNR/SFDR vs. Analog Input Frequency, 80 MSPS, 3.2 V p-p
95
60
0
180
ANALOG INPUT FREQUENCY (MHz)
20
40
60
80
100
120
140
160
90
85
80
75
70
65
SFDR (dBc) +85°C
SFDR (dBc) –40°C
SNR (dB) +25°C
SNR (dB) +85°C
SNR (dB) –40°C
SFDR (dBc) +25°C
Figure 31. AD9446-80 SNR/SFDR vs. Analog Input Frequency, 80 MSPS, 3.2 V p-p,
CMOS Mode
120
0
–100
0
ANALOG INPUT AMPLITUDE (dB)
100
80
60
40
20
–90
–80
–70
–60
–50
–40
–30
–20
–10
SNR dB
SNR dBFS
SFDR dBc
SFDR dBFS
Figure 32. AD9446-80 SNR/SFDR vs. Analog Input Level, 80 MSPS
95
60
0
180
ANALOG INPUT FREQUENCY (MHz)
20
40
60
80
100
120
140
160
90
85
80
75
70
65
SFDR (dBc) +85°C
SFDR (dBc) –40°C
SNR (dB) +25°C
SNR (dB) +85°C
SNR (dB) –40°C
SFDR (dBc) +25°C
Figure 33. AD9446-80 SNR/SFDR vs. Analog Input Frequency, 80 MSPS, 2.0 V p-p
90
70
72
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
ANALOG INPUT COMMON-MODE VOLTAGE
SNR dB
SFDR dBc
88
86
82
84
80
78
76
74
Figure 34. AD9446-80 SNR/SFDR vs. Analog Input Common Mode, 80 MSPS
120
0
–100
0
ANALOG INPUT AMPLITUDE (dB)
100
80
60
40
20
–90
–80
–70
–60
–50
–40
–30
–20
–10
SNR dB
SNR dBFS
SFDR dBc
SFDR dBFS
Figure 35. AD9446-80 SNR/SFDR vs. Analog Input Level, 80 MSPS,
CMOS Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com