Electronic Components Datasheet Search
  English  ▼

X  

AD9481 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9481
Description  3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9481 Datasheet HTML 6Page - Analog Devices AD9481 Datasheet HTML 7Page - Analog Devices AD9481 Datasheet HTML 8Page - Analog Devices AD9481 Datasheet HTML 9Page - Analog Devices AD9481 Datasheet HTML 10Page - Analog Devices AD9481 Datasheet HTML 11Page - Analog Devices AD9481 Datasheet HTML 12Page - Analog Devices AD9481 Datasheet HTML 13Page - Analog Devices AD9481 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AD9481
Rev. 0 | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
CLK–
AVDD
AGND
D7A (MSB)
DRGND
DRVDD
CLK+
D6A
D5A
D4A
D3A
33
32
31
30
29
28
27
26
25
24
23
AGND
AVDD
AVDD
DRGND
S1
PDWN
SENSE
D7B (MSB)
D6B
D5B
D4B
13 14
15
16 17 18
19
20
21
22
PIN 1
44 43 42
41
40 39 38
37
36
35
34
AD9481
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin
No.
Name
Description
1
CLK+
Input Clock—True
2
CLK−
Input Clock—Complement
3
AVDD
3.3 V Analog Supply
4
AGND
Analog Ground
5
DRVDD
3.3 V Digital Output Supply
6
DRGND
Digital Ground
7
D7A
Data Output Bit 7—Channel A (MSB)
8
D6A
Data Output Bit 6—Channel A
9
D5A
Data Output Bit 5—Channel A
10
D4A
Data Output Bit 4—Channel A
11
D3A
Data Output Bit 3—Channel A
12
D2A
Data Output Bit 2—Channel A
13
D1A
Data Output Bit 1—Channel A
14
D0A
Data Output Bit 0—Channel A (LSB)
15
DRGND
Digital Ground
16
DCO−
Data Clock Output—Complement
17
DCO+
Data Clock Output—True
18
DRVDD
3.3 V Digital Output Supply
19
D0B
Data Output Bit 0—Channel B (LSB)
20
D1B
Data Output Bit 1—Channel B
21
D2B
Data Output Bit 2—Channel B
22
D3B
Data Output Bit 3—Channel B
23
D4B
Data Output Bit 4—Channel B
24
D5B
Data Output Bit 5—Channel B
Pin
No.
Name
Description
25
D6B
Data Output Bit 6—Channel B
26
D7B
Data Output Bit 7—Channel B (MSB)
27
DRGND
Digital Ground
28
S1
Data Format Select and Duty Cycle Stabilizer
Select
29
PDWN
Power-Down Selection
30
AVDD
3.3 V Analog Supply
31
AVDD
3.3 V Analog Supply
32
AGND
Analog Ground
33
SENSE
Reference Mode Selection
34
VREF
Voltage Reference Input/Output
35
AGND
Analog Ground
36
AVDD
3.3 V Analog Supply
37
AGND
Analog Ground
38
VIN−
Analog Input—Complement
39
VIN+
Analog Input—True
40
AGND
Analog Ground
41
AVDD
3.3 V Analog Supply
42
S3
DCO Enable Select (Tie to AVDD for DCO
Active)
43
DS−
Data Sync Complement (If Unused, Tie to
DRVDD)
44
DS+
Data Sync True (If Unused, Tie to DGND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com