Electronic Components Datasheet Search
  English  ▼

X  

AD9481 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9481
Description  3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9481 Datasheet HTML 11Page - Analog Devices AD9481 Datasheet HTML 12Page - Analog Devices AD9481 Datasheet HTML 13Page - Analog Devices AD9481 Datasheet HTML 14Page - Analog Devices AD9481 Datasheet HTML 15Page - Analog Devices AD9481 Datasheet HTML 16Page - Analog Devices AD9481 Datasheet HTML 17Page - Analog Devices AD9481 Datasheet HTML 18Page - Analog Devices AD9481 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD9481
Rev. 0 | Page 14 of 28
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–40
–20
0
204060
80
TEMPERATURE (
°C)
FS = 1V
EXTERNAL REFERENCE
FS = 1V
INTERNAL REFERENCE
Figure 16. Full-Scale Gain Error vs. Temperature,
AIN = 70.3 MHz @ −0.5 dBFS, 250 MSPS
40
70
65
60
55
50
45
–40
–20
0
204060
80
TEMPERATURE (
°C)
SFDR
SINAD
Figure 17. SINAD, SFDR vs. Temperature,
AIN = 70 MHz @ −1 dBFS, 250 MSPS
–0.15
–0.10
–0.05
0
0.05
0.10
2.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
AVDD (V)
Figure 18. VREF Sensitivity to AVDD
45
50
55
60
65
70
3.0
3.1
3.2
3.3
3.4
SFDR
SNR
3.5
3.6
AVDD (V)
SINAD
Figure 19. SNR, SINAD, and SFDR vs. Supply Voltage,
AIN = 70.3 MHz @ −1 dBFS, 250 MSPS
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
250
CODE
Figure 20. Typical DNL Plot,
AIN = 10.3 MHz @ −0.5 dBFS, 250 MSPS
–0.50
–0.25
0
0.25
0.50
0
50
100
150
200
250
CODE
Figure 21. Typical INL Plot,
AIN = 10.3 MHz @ −0.5 dBFS, 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com