Electronic Components Datasheet Search
  English  ▼

X  

AD9481 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9481
Description  3.3 V A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9481 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9481 Datasheet HTML 19Page - Analog Devices AD9481 Datasheet HTML 20Page - Analog Devices AD9481 Datasheet HTML 21Page - Analog Devices AD9481 Datasheet HTML 22Page - Analog Devices AD9481 Datasheet HTML 23Page - Analog Devices AD9481 Datasheet HTML 24Page - Analog Devices AD9481 Datasheet HTML 25Page - Analog Devices AD9481 Datasheet HTML 26Page - Analog Devices AD9481 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AD9481
Rev. 0 | Page 22 of 28
OPTIONAL XTAL
The PCB has been designed to accommodate an optional
crystal oscillator that can serve as a convenient clock source.
The footprint can accept both through-hole and surface-mount
devices, including Vectron XO-400 and Vectron VCC6 family
oscillators.
VCC
VCC
OUT–
OUT+
GND
Figure 38. XTAL Footprint
To use either crystal, populate C38 and C40 with 0.1 µF capaci-
tors. Populate R48 and R49 with 0 Ω resistors. Place R50, R51,
R59, and R60 with 1 kΩ resistors. Remove C6 and C5. If the
Vectron VCC6 family crystal is being used, populate R57 with a
10 Ω resistor. If using the XO-400 crystal, place jumper E21 or
E22 to E23.
VOLTAGE REFERENCE
The AD9481 has an internal 1 V reference mode. The ADC uses
the internal 1 V reference as the default when sense is set to
ground. An optional on-board external 1.0 V reference
(ADR510) can be used by setting the sense jumper to AVDD, by
placing a jumper on E5 to E3, and by placing a 0 Ω resistor on
R55. When using an external programmable reference, (R20,
R30) remove the sense jumper.
DATA OUTPUTS
The ADC outputs are buffered on the PCB by LVT574 latches
on the data outputs. The latch outputs have series terminating
resistors at the output pins to minimize reflections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com