Electronic Components Datasheet Search
  English  ▼

X  

660C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 660C
Description  High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

660C Datasheet(HTML) 1 Page - Vishay Siliconix

  660C Datasheet HTML 1Page - Vishay Siliconix 660C Datasheet HTML 2Page - Vishay Siliconix 660C Datasheet HTML 3Page - Vishay Siliconix 660C Datasheet HTML 4Page - Vishay Siliconix 660C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
660C, 660R
www.vishay.com
Vishay Cera-Mite
Revision: 11-Sep-15
1
Document Number: 22209
For technical questions, contact: CDC@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Ceramic DC Disc Capacitors with Axial Leads,
10 kVDC to 30 kVDC
FEATURES
• Class 1 and class 2 ceramic
• High insulation resistance
• Epoxy encapsulated
• Wide capacitance range
• Ceramic singlelayer capacitor
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details.
MARKING
Capacitance value and tolerance, rated DC voltage, T/C
code, production date code, CM mark.
MATERIAL
Capacitor elements made from class 1 or class 2 ceramic in
a molded case, high temperature epoxy construction.
Leads: tinned copper clad steel.
DIELECTRIC STRENGTH
150 % of rated voltage (in dielectric fluid), charging current
limited to 50 mA.
DISSIPATION FACTOR tan
N4700 (T3M):
 2 x 10-3 (1 kHz)
X7R, Z5U:
 20 x 10-3 (1 kHz)
INSULATION RESISTANCE
Min. 200 000 M
, at 180 V
DC or 1000 F
OPERATING TEMPERATURE RANGE
-30 °C to +85 °C
RATED VOLTAGE (1)
Standard version
• 660C10A### 10 kVDC (3.5 kVRMS)
• 660C15A### 15 kVDC (5.6 kVRMS)
• 660C20A### 20 kVDC (7.0 kVRMS)
• 660C30A### 30 kVDC (10.6 kVRMS)
RoHS compliant version
• 660R10A### 10 kVDC (3.5 kVRMS)
• 660R15A### 15 kVDC (5.6 kVRMS)
• 660R20A### 20 kVDC (7.0 kVRMS)
• 660R30A### 30 kVDC (10.6 kVRMS)
Note
(1) All kVRMS values up to 60 Hz
DIMENSIONS in millimeters (inches)
Available
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
2
Ceramic Dielectric
N4700 (T3M)
X7R
Z5U
Voltage (VDC)
10 000
15 000
20 000
30 000
10 000
15 000
20 000
30 000
10 000
15 000
20 000
30 000
Min. Capacitance (pF)
470
390
220
180
180
100
100
100
1500
1000
680
470
Max. Capacitance (pF)
2000
1500
1000
680
4700
3900
2700
2000
10 000
6800
5000
3300
Mounting
Axial
Tinned Copper Clad Steel
20 AWG 0.80 (0.032)
Min. 32 (1.250)
H max.
D max.


Similar Part No. - 660C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
660 LITTELFUSE-660 Datasheet
146Kb / 1P
MINIATURE FUSEHOLDERS
logo
Oscilent Corporation
660 OSCILENT-660 Datasheet
142Kb / 2P
Discriminator
logo
3M Electronics
660 3M-660 Datasheet
574Kb / 6P
3M??Scotch짰 Red Cellophane Tape 660
logo
List of Unclassifed Man...
660 ETC-660 Datasheet
1Mb / 4P
Power toggle switches ??metal lever
logo
TT Electronics.
660 TTELEC-660 Datasheet
221Kb / 3P
Nichrome Resistor Networks on Ceramic Substrates
10.13
More results

Similar Description - 660C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
715C-DK VISHAY-715C-DK Datasheet
84Kb / 4P
High Voltage Class 2 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 15 kVDC to 40 kVDC
19-Jan-17
715C-KT VISHAY-715C-KT Datasheet
84Kb / 4P
High Voltage Class 1 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 10 kVDC to 40 kVDC
19-Jan-17
564R VISHAY-564R Datasheet
94Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
06-Jul-16
615R VISHAY-615R Datasheet
81Kb / 4P
High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
09-Mar-16
660R VISHAY-660R Datasheet
89Kb / 5P
High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
25-Nov-2020
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
09-Aug-2021
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
23-Jul-2021
715C-DK VISHAY-715C-DK_V01 Datasheet
92Kb / 4P
High Voltage Class 2 Ceramic DC Disc Capacitors, 10 kVDC to 40 kVDC / 3.5 kVAC to 14 kVAC, Screw Terminal Mounting
07-Mar-2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com