Electronic Components Datasheet Search
  English  ▼

X  

660C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 660C
Description  High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

660C Datasheet(HTML) 2 Page - Vishay Siliconix

  660C Datasheet HTML 1Page - Vishay Siliconix 660C Datasheet HTML 2Page - Vishay Siliconix 660C Datasheet HTML 3Page - Vishay Siliconix 660C Datasheet HTML 4Page - Vishay Siliconix 660C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
660C, 660R
www.vishay.com
Vishay Cera-Mite
Revision: 11-Sep-15
2
Document Number: 22209
For technical questions, contact: CDC@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION
660C20AZT68
20 kVDC
680 pF
± 20 %
N4700
MODEL
RATED VOLTAGE
CAPACITANCE VALUE
TOLERANCE
CERAMIC
SAP NUMBER AND ELECTRICAL DATA
MODEL NUMBER
4TH DIGIT:
C = STANDARD
R = RoHS COMPLIANT
CERAMIC
CAP.
VALUE
(pF)
TOLERANCE
(%)
RATED
VOLTAGE
(kVDC)
RATED
VOLTAGE
(kVRMS)
D MAX.
(mm)
D MAX.
(INCHES)
H MAX.
(mm)
H MAX.
(INCHES)
660#10AZ###
660#10AZT47
N4700
(T3M)
470
± 20 %
10
3.5
21
0.83
13
0.50
660#10AZD10
1000
30
1.18
660#10AZD20
2000
37
1.45
660#10AC###
660#10ACT18
X7R
180
± 20 %
10
3.5
21
0.83
13
0.50
660#10ACT22
220
660#10ACT33
330
660#10ACT47
470
660#10ACT68
680
660#10ACD10
1000
660#10ACD15
1500
30
1.18
15
0.60
660#10ACD22
2200
14
0.55
660#10ACD33
3300
13
0.50
660#10ACD47
4700
37
1.45
660#10AE###
660#10AED15
Z5U
1500
+ 80 % /
- 20 %
10
3.5
21
0.83
13
0.50
660#10AED22
2200
660#10AED33
3300
30
1.18
660#10AED47
4700
660#10AED68
6800
37
1.45
660#10AES10
10 000
11
0.45
660#15AZ###
660#15AZT39
N4700
(T3M)
390
± 20 %
15
5.3
21
0.83
13
0.50
660#15AZT82
820
30
1.18
660#15AZD15
1500
37
1.45
11
0.45
660#15AC###
660#15ACT10
X7R
100
± 20 %
15
5.3
21
0.83
13
0.50
660#15ACT22
220
660#15ACT33
330
15
0.60
660#15ACT47
470
660#15ACT68
680
13
0.50
660#15ACD10
1000
30
1.18
15
0.60
660#15ACD15
1500
17
0.65
660#15ACD22
2200
15
0.60
660#15ACD33
3300
37
1.45
660#15ACD39
3900



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com