Electronic Components Datasheet Search
  English  ▼

X  

660C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 660C
Description  High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

660C Datasheet(HTML) 4 Page - Vishay Siliconix

  660C Datasheet HTML 1Page - Vishay Siliconix 660C Datasheet HTML 2Page - Vishay Siliconix 660C Datasheet HTML 3Page - Vishay Siliconix 660C Datasheet HTML 4Page - Vishay Siliconix 660C Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
660C, 660R
www.vishay.com
Vishay Cera-Mite
Revision: 11-Sep-15
4
Document Number: 22209
For technical questions, contact: CDC@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CAPACITANCE CHANGE VS. VOLTAGE (typical)
660#30AE###
660#30AET47
Z5U
470
+ 80 % /
- 20 %
30
10.6
21
0.83
20
0.80
660#30AET68
680
19
0.75
660#30AET82
820
20
0.80
660#30AED10
1000
30
1.18
660#30AED12
1200
19
0.75
660#30AED15
1500
660#30AED18
1800
37
1.45
660#30AED20
2000
660#30AED22
2200
660#30AED25
2500
660#30AED30
3000
660#30AED33
3300
20
0.80
RELATED DOCUMENTS
General Information
www.vishay.com/doc?23140
SAP NUMBER AND ELECTRICAL DATA
MODEL NUMBER
4TH DIGIT:
C = STANDARD
R = RoHS COMPLIANT
CERAMIC
CAP.
VALUE
(pF)
TOLERANCE
(%)
RATED
VOLTAGE
(kVDC)
RATED
VOLTAGE
(kVRMS)
D MAX.
(mm)
D MAX.
(INCHES)
H MAX.
(mm)
H MAX.
(INCHES)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
102030405060708090
100
U
R (%)
Z5U
ΔC/C = f (U
R)
T3M (N4700)
X7R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com